Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9018BPQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9018BPQW
Description  Maximum 3A, Ultra Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9018BPQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9018BPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 9Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 10Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 11Page - Richtek Technology Corporation RT9018BPQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9018A/B
9
DS9018A/B-04
September 2007
www.richtek.com
Application Information
Adjustable Mode Operation
The output voltage of RT9018A/B is adjustable from 0.8V
to VIN by external voltage divider resisters as shown in
Typical Application Circuit (Figure 2). The value of resisters
R1 and R2 should be more than 10k
Ω to reduce the power
loss.
Enable
The RT9018A/B goes into shutdown mode when the EN
pin is in the logic low condition. During this condition, the
pass transistor, error amplifier, and band gap are turned
off, reducing the supply current to 10uA typical. The
RT9018A/B goes into operation mode when the EN pin is
in the logic high condition. If the EN pin is floating, NOTE
that the RT9018A/B internal initial logic level. For RT9018A,
the EN pin function pulls high level internally. So the
regulator will be turn on when EN pin is floating. For
RT9018B, the EN pin function pulls low level internally.
So the regulator will be turn off when EN pin is floating.
Output Capacitor
The RT9018A/B is specifically designed to employ ceramic
output capacitors as low as 10uF. The ceramic capacitors
offer significant cost and space savings, along with high
frequency noise filtering.
Input Capacitor
Good bypassing is recommended from input to ground to
help improve AC performance. A 10uF input capacitor or
greater located as close as possible to the IC is
recommended.
Current Limit
The RT9018A/B contains an independent current limit and
the short circuit current protection to prevent unexpected
applications. The current limit monitors and controls the
pass transistor
’ s gate voltage, limiting the output current
to higher than 4.5A typical. When the output voltage is
less than 0.4V, the short circuit current protection starts
the current fold back function and maintains the loading
current 1.8A. The output can be shorted to ground
indefinitely without damaging the part.
Power Good
The power good function is an open-drain output. Connects
100k
Ω pull up resistor to VOUT to obtain an output voltage.
The PGOOD pin will output high immediately after the
output voltage arrives 90% of normal output voltage. The
PGOOD pin will output high with typical 1.5ms delay time.
Thermal-Shutdown Protection
Thermal protection limits power dissipation to prevent IC
over temperature in RT9018A/B. When the operation
junction temperature exceeds 160
°C, the over-temperature
protection circuit starts the thermal shutdown function
and turns the pass transistor off. The pass transistor turn
on again after the junction temperature cools by 30
°C.
RT9018A/B lowers its OTP trip level from 160
°C to 110°C
when output short circuit occurs (VOUT < 0.4V). It limits
IC case temperature under 100
°C and provides maximum
safety to customer while output short circuit occurring.
Power Dissipation
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is:
PD = (VIN
− VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junctions to ambient. The maximum power dissipation can
be calculated by following formula:
PD(MAX) = ( TJ(MAX)
− TA ) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9018A/B, where TJ (MAX) is the maximum junction
temperature of the die (125
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance for SOP-8 (Exposed Pad) package is 75
°C/W
on the standard JEDEC 51-7 (4 layers, 2S2P) thermal
test board. The copper thickness is 2oz. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula:


Similar Part No. - RT9018BPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGQW RICHTEK-RT9018C-XXGQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGSP RICHTEK-RT9018C-XXGSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZQW RICHTEK-RT9018C-XXZQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZSP RICHTEK-RT9018C-XXZSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
More results

Similar Description - RT9018BPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
logo
Unisonic Technologies
L11831AG-XX-SH2-R UTC-L11831AG-XX-SH2-R Datasheet
215Kb / 6P
   Maximum 3A low-dropout voltage regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com