Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9167A-16PB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9167A-16PB
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167A-16PB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9167A-16PB Datasheet HTML 1Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 2Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 3Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 4Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 5Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 6Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 7Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 8Page - Richtek Technology Corporation RT9167A-16PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9167/A
2
DS9167/A-26 March 2007
www.richtek.com
Function Block Diagram
Typical Application Circuit
Functional Pin Description
Pin Name
Pin Function
VIN
Power Input Voltage
GND
Ground
EN
Chip Enable (Active High)
BP
Reference Noise Bypass
VOUT
Output Voltage
IN
GND
OUT
RT9167/A
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
EN
BP
C
BP
10nF
Chip Enable
Current-Limit and
Thermal Protection
MOS Driver
+
VOUT
Shutdown
and
Logic Control
R1
R2
VIN
Error
Amplifier
VREF
BP
EN
GND


Similar Part No. - RT9167A-16PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167A-33PBR RICHTEK-RT9167A-33PBR Datasheet
206Kb / 10P
   The RT9167B is a 300mA low dropout and low noise
More results

Similar Description - RT9167A-16PB

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5214 TSC-TS5214 Datasheet
315Kb / 7P
   300mA Low Noise LDO Voltage Regulator
TS5214 TSC-TS5214_08 Datasheet
436Kb / 8P
   300mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com