Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT916115GG Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT916115GG
Description  300/500mA Low Dropout Linear Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT916115GG Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT916115GG Datasheet HTML 1Page - Richtek Technology Corporation RT916115GG Datasheet HTML 2Page - Richtek Technology Corporation RT916115GG Datasheet HTML 3Page - Richtek Technology Corporation RT916115GG Datasheet HTML 4Page - Richtek Technology Corporation RT916115GG Datasheet HTML 5Page - Richtek Technology Corporation RT916115GG Datasheet HTML 6Page - Richtek Technology Corporation RT916115GG Datasheet HTML 7Page - Richtek Technology Corporation RT916115GG Datasheet HTML 8Page - Richtek Technology Corporation RT916115GG Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9161/A
2
DS9161/A-31 March 2007
www.richtek.com
Function Block Diagram
Typical Application Circuit
Pin Name
Pin Function
VOUT
Output Voltage
GND
Ground
VIN
Power Input
Functional Pin Description
Current
Limiting
Sensor
Thermal
Shutdown
-
Error Amp
1.2V
Reference
VIN
GND
VOUT
VIN
GND
VOUT
RT9161/A
C
OUT
Electrolytic
10uF
C
IN
1uF
V
IN
V
OUT
2
3
1VIN
GND
VOUT
TO-92
RT9161/A-
CZL
2
3
1
GND
VIN
VOUT
TO-92
RT9161/A-
CZT


Similar Part No. - RT916115GG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161-15PX RICHTEK-RT9161-15PX Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-30PZL RICHTEK-RT9161-30PZL Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-33PV RICHTEK-RT9161-33PV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-33PZL RICHTEK-RT9161-33PZL Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-45GV RICHTEK-RT9161-45GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results

Similar Description - RT916115GG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com