Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9186A-18GF Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9186A-18GF
Description  Low Profile 500mA LDO with Enable and Power Good/Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9186A-18GF Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9186A-18GF Datasheet HTML 1Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 2Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 3Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 4Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 5Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 6Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 7Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 8Page - Richtek Technology Corporation RT9186A-18GF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9186A/B
4
DS9186AB-10 August 2007
www.richtek.com
Timing Diagram
Recommended Operating Conditions
(Note 3)
l
Input Voltage ---------------------------------------------------------------------------------------------------------- 2.5V to 5.5V
l
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
l
Input Voltage ---------------------------------------------------------------------------------------------------------- 7V
l
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
l
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
l
Power Dissipation, PD @ TA= 25
°C
MSOP-8 ---------------------------------------------------------------------------------------------------------------- 0.625W
VDFN-8L 3x3 ---------------------------------------------------------------------------------------------------------- 0.952W
l
Package Thermal Resistance (Note 4)
MSOP-8,
θJA ---------------------------------------------------------------------------------------------------------- 160°C/W
VDFN-8L 3x3,
θJA ---------------------------------------------------------------------------------------------------- 105°C/W
l
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
l
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
V
IN
V
OUT
PGOOD Function
(RT9186A)
80% of V
OUT
(Normal)
Delay Time (typ.) 6ms
Reset function
(RT9186B)


Similar Part No. - RT9186A-18GF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9186AGF RICHTEK-RT9186AGF Datasheet
423Kb / 13P
   2.5V to 5.5V Wide Input Range, Guaranteed 500mA Output Current
More results

Similar Description - RT9186A-18GF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
   Peak 3A CMOS LDO Regulator with Enable and Power Good
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
logo
RICOH electronics devic...
RP111H071B RICOH-RP111H071B_17 Datasheet
824Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
RP111X RICOH-RP111X Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com