Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT916850GSH Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT916850GSH
Description  200mA/500mA Fixed Output Voltage LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT916850GSH Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT916850GSH Datasheet HTML 3Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 4Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 5Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 6Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 7Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 8Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 9Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 10Page - Richtek Technology Corporation RT916850GSH Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT9168/A
8
DS9168/A-15 March 2007
www.richtek.com
To ensure proper operation, the signal source used to
drive the EN input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds which
guarantee an ON or OFF state (see Electrical Characteristics).
The ON/OFF signal may come from either CMOS output,
or an open-collector output with pull-up resistor to the
RT9168/A input voltage or another logic supply. The high-
level voltage may exceed the
RT9168/A input voltage,
but must remain within the absolute maximum ratings
for the EN pin.
Internal P-Channel Pass Transistor
The RT9168/A features a typical 1.1
Ω P-channel MOSFET
pass transistor. It provides several advantages over similar
designs using PNP pass transistors, including longer
battery life. The P-channel MOSFET requires no base
drive, which reduces quiescent current considerably. PNP-
based regulators waste considerable current in dropout
when the pass transistor saturates. They also use high
base-drive currents under large loads. The RT9168/A does
not suffer from these problems and consume only 80
μAof
quiescent current whether in dropout, light-load, or heavy-
load applications.
Input-Output (Dropout) Voltage
A regulator's minimum input-output voltage differential (or
dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this will determine
the useful end-of-life battery voltage. Because the
RT9168/A uses a P-channel MOSFET pass transistor,
the dropout voltage is a function of drain-to-source on-
resistance [RDS(ON)] multiplied by the load current.
Reverse Current Path
The power transistor used in the RT9168/A has an inherent
diode connected between the regulator input and output
(see Figure 2). If the output is forced above the input by
more than a diode-drop, this diode will become forward
biased and current will flow from the VOUT terminal to VIN.
This diode will also be turned on by abruptly stepping the
input voltage to a value below the output voltage. To prevent
regulator mis-operation, a Schottky diode should be used
in any applications where input/output voltage conditions
can cause the internal diode to be turned on (see Figure
3). As shown, the Schottky diode is connected in parallel
with the internal parasitic diode and prevents it from being
turned on by limiting the voltage drop across it to about
0.3V. < 100 mA to prevent damage to the part.
VIN
VOUT
VIN
VOUT
Current Limit and Thermal Protection
The RT9168 includes a current limit which monitors and
controls the pass transistor's gate voltage limiting the
output current to 300mA Typ. (700mA Typ. for RT9168A).
Thermal-overload protection limits total power dissipation
in the RT9168/A. When the junction temperature exceeds
TJ = +155°C, the thermal sensor signals the shutdown
logic turning off the pass transistor and allowing the IC to
cool. The thermal sensor will turn the pass transistor on
again after the IC's junction temperature cools by 10
°C,
resulting in a pulsed output during continuous thermal-
overload conditions. Thermal-overloaded protection is
designed to protect the RT9168/A in the event of fault
conditions. Do not exceed the absolute maximum
junction-temperature rating of TJ = +150°C for continuous
operation. The output can be shorted to ground for an
indefinite amount of time without damaging the part by
cooperation of current limit and thermal protection.
Figure 2
Figure 3


Similar Part No. - RT916850GSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CBR ETC-RT9168-15CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CS ETC-RT9168-15CS Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CSH ETC-RT9168-15CSH Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-16CBR ETC-RT9168-16CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT916850GSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com