Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT916115PG Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT916115PG
Description  300/500mA Low Dropout Linear Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT916115PG Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT916115PG Datasheet HTML 2Page - Richtek Technology Corporation RT916115PG Datasheet HTML 3Page - Richtek Technology Corporation RT916115PG Datasheet HTML 4Page - Richtek Technology Corporation RT916115PG Datasheet HTML 5Page - Richtek Technology Corporation RT916115PG Datasheet HTML 6Page - Richtek Technology Corporation RT916115PG Datasheet HTML 7Page - Richtek Technology Corporation RT916115PG Datasheet HTML 8Page - Richtek Technology Corporation RT916115PG Datasheet HTML 9Page - Richtek Technology Corporation RT916115PG Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RT9161/A
8
DS9161/A-31 March 2007
www.richtek.com
A
b
A1
B
D
C
e
H
L
SOT-23-3 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.889
1.295
0.035
0.051
A1
0.000
0.152
0.000
0.006
B
1.397
1.803
0.055
0.071
b
0.356
0.508
0.014
0.020
C
2.591
2.997
0.102
0.118
D
2.692
3.099
0.106
0.122
e
1.803
2.007
0.071
0.079
H
0.080
0.254
0.003
0.010
L
0.300
0.610
0.012
0.024


Similar Part No. - RT916115PG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9161-15PX RICHTEK-RT9161-15PX Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-30PZL RICHTEK-RT9161-30PZL Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-33PV RICHTEK-RT9161-33PV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-33PZL RICHTEK-RT9161-33PZL Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
RT9161-45GV RICHTEK-RT9161-45GV Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
More results

Similar Description - RT916115PG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
Unisonic Technologies
UR133 UTC-UR133_12 Datasheet
411Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com