Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9018A1KGQW Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9018A1KGQW
Description  Maximum 3A, Ultra Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9018A1KGQW Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9018A1KGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9018A1KGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9018A/B
1
DS9018A/B-04
September 2007
www.richtek.com
Pin Configurations
Maximum 3A, Ultra Low Dropout Regulator
Ordering Information
Features
Maximum 3A Low-Dropout Voltage Regulator
High Accuracy Output Voltage
±±±±±1.5%
Typically 220mV Dropout at 3A
Power Good Output
Output Voltage Pull Low Resistance when Disable
Thermal and Over Current Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Front Side Bus VTT (1.2V/3A)
NoteBook PC Applications
Motherboard Applications
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
(TOP VIEW)
WDFN-10L 3x3
General Description
The RT9018A/B is a high performance positive voltage
regulator designed for use in applications requiring very
low Input voltage and very low dropout voltage at up to
3A(Peak). It operates with a VIN as low as 1.0V and VDD
voltage 3V with output voltage programmable as low as
0.8V. The significant feature includes ultra low dropout,
ideal for applications where VOUT is very close to VIN.
Additionally, there is an enable pin to further reduce power
dissipation while shutdown. The RT9018A/B provides
excellent regulation over variations in line, load and
temperature. and provides a power OK signal to indicate
if the voltage level of Vo reaches 90% of its rating value.
The RT9018A/B is available in the SOP-8 (Exposed Pad)
and WDFN-10L 3x3 packages with 1V, 1.05V, 1.2V, 1.5V,
1.8V and 2.5V internally preset outputs that are also
adjustable using external resistors.
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
SOP-8 (Exposed Pad)
RT9018A/B
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
QW : WDFN-10L 3x3
Enable Pin Function
A : Internal Pull High
B : Internal Pull Low
Output Voltage
10 : 1V/Adj
1K : 1.05V/Adj
12 : 1.2V/Adj
15 : 1.5V/Adj
18 : 1.8V/Adj
25 : 2.5V/Adj
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
VOUT
VOUT
PGOOD
ADJ
VDD
VIN
VIN
EN
VIN
VOUT
9
8
7
1
2
3
4
5
10
GND
11
PGOOD
EN
VIN
VDD
GND
ADJ
NC
VOUT
GND
2
3
4
5
6
7
8
9


Similar Part No. - RT9018A1KGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGQW RICHTEK-RT9018C-XXGQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXGSP RICHTEK-RT9018C-XXGSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZQW RICHTEK-RT9018C-XXZQW Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
RT9018C-XXZSP RICHTEK-RT9018C-XXZSP Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
More results

Similar Description - RT9018A1KGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
logo
Unisonic Technologies
L11831AG-XX-SH2-R UTC-L11831AG-XX-SH2-R Datasheet
215Kb / 6P
   Maximum 3A low-dropout voltage regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com