Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9183 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9183
Description  Ultra Low Dropout 1.5A Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9183 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9183_07 Datasheet HTML 1Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 2Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 3Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 4Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 5Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9183_07 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT9183
2
DS9183-12
March 2007
www.richtek.com
Typical Application Circuit
Figure 1. 3.3V to 2.5V Regulator
Figure 2. Adjustable Operation
)Volts
R2
R1
(1
0.8
VOUT
+
×
=
Note: The value of R2 should be less
than 80k to maintain
regulation.
Figure 3. Fixed Operation with SOP-8 and TO-263-5 packages
2.5V, 1.5A
(SOT-223 & TO-263)
RT9183
VIN
VOUT
GND
V
OUT
V
IN = 3.3V
C
IN
C
OUT
10uF
10uF
VIN
VOUT
EN
GND ADJ
(SOP-8 & TO-263-5)
RT9183
V
OUT
V
IN
Enable
C
IN
C
OUT
C
10uF
0.1uF
10uF
(SOP-8 & TO-263-5)
VIN
VOUT
EN
GND
ADJ
RT9183
V
OUT
V
IN
Enable
C
IN
C
OUT
C
10uF
0.1uF
10uF
R
1
R
2


Similar Part No. - RT9183_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-18CG RICHTEK-RT9183H-18CG Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-18CM RICHTEK-RT9183H-18CM Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-18CM5 RICHTEK-RT9183H-18CM5 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
RT9183H-18CS RICHTEK-RT9183H-18CS Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
More results

Similar Description - RT9183_07

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com