Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9182 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9182
Description  Dual, Low-Noise, 200mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9182_07 Datasheet HTML 1Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 2Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 3Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 4Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 5Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 6Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 7Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 8Page - Richtek Technology Corporation RT9182_07 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9182
1
DS9182-17
March 2007
www.richtek.com
Pin Configurations
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
Dual, Low-Noise, 200mA LDO Regulator
Features
Up to 200mA Output Current (Each LDO)
Dual Shutdown Pins Control Each Output
124
μμμμμVRMS Low Noise Output
Current Limiting and Thermal Protection
Short Circuit Protection
120mV Dropout at 100mA Load
Two LDOs in SOT-23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Cellular Phones
Laptop, Notebook, and Palmtop Computers
Battery-powered Equipment
Hand-held Equipment
Wireless LAN
(TOP VIEW)
SOT-23-6
General Description
The RT9182 is a dual-channel, low noise, and low dropout
regulator supplying up to 200mA current at each channel.
The output voltage ranges from 1.5V to 3.3V in 100mV
increments and 2% accuracy by operating from a +2.7V
to +5.5V input.
The RT9182 uses an internal PMOS as the pass device,
which consumes 165
μA supply current (both LDOs on)
independent of load current and dropout conditions. The
EN1 and EN2 pins control each output respectively. When
both outputs shutdown simultaneously, the chip will be
turn off and consumes nearly zero operation current
which is suitable for battery-power devices. Other
features include a current limiting, and over temperature
protection.
12
3
4
5
6
VOUT2 GND
EN2
EN1
VIN
VOUT1
Note : There is no pin1 indicator on top mark for SOT-23-6
type, and pin 1 will be lower left pin when reading top mark
from left to right.
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9182
Package Type
ES : SOT-23-6
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
A : 2.8V (Output1), 2.8V (Output2)
B : 3.0V (Output1), 3.0V (Output2)
C : 2.8V (Output1), 3.0V (Output2)
D : 2.8V (Output1), 2.5V (Output2)
E : 2.8V (Output1), 1.8V (Output2)
F : 2.5V (Output1), 2.5V (Output2)
G : 2.5V (Output1), 1.8V (Output2)
H : 3.3V (Output1), 2.5V (Output2)
I : 3.3V (Output1), 1.8V (Output2)
J : 3.0V (Output1), 2.5V (Output2)
K : 3.0V (Output1), 1.8V (Output2)
L : 2.8V (Output1), 1.85V (Output2)


Similar Part No. - RT9182_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
More results

Similar Description - RT9182_07

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
logo
Unisonic Technologies
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
   LOW NOISE 200mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
   200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
   200mA,Ultra-low Noise LDO Regulator
logo
Exar Corporation
SP6260 EXAR-SP6260_11 Datasheet
738Kb / 13P
   200mA RF Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com