Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9013-12PQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9013-12PQW
Description  500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9013-12PQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9013-12PQW Datasheet HTML 4Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 5Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 6Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 7Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 8Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 9Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 10Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 11Page - Richtek Technology Corporation RT9013-12PQW Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RT9013
Preliminary
9
DS9013-05 August 2007
www.richtek.com
Figure 2. Derating Curves for RT9013 Packages
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJA is
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9013, where TJ(MAX) is the maximum junction
temperature of the die (125
°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance
θJA JA is layout dependent) for WDFN-6L 2x2
package is 165
°C/W, SOT-23-5 package is 250°C/W and
SC-70-5 package is 333
°C/W on the standard
JEDEC 51-3 single-layer thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula :
PD(MAX) = (125
°C − 25°C) / 165 = 0.606 W for
WDFN-6L 2x2 packages
PD(MAX) = (125
°C − 25°C) / 250 = 0.400 W for SOT-23-5
packages
PD(MAX) = (125
°C − 25°C) / 333 = 0.300 W for SC-70-5
packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal resistance
θJA. For RT9013 packages, the Figure 2 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
12.5 25 37.5 50 62.5 75 87.5 100 113 125
Ambient Temperature (
°C)
Single Layer PCB
WDFN-6L 2x2
SOT-23-5
SC-70-5


Similar Part No. - RT9013-12PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18GB RICHTEK-RT9013-18GB Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18PB RICHTEK-RT9013-18PB Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013-18PB RICHTEK-RT9013-18PB Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
More results

Similar Description - RT9013-12PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6518 AITSEMI-A6518 Datasheet
826Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.3
A6518A AITSEMI-A6518A Datasheet
824Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 500mA ADJUSTABLE, 1.2VFB,ULTRA-LOW NOISE, ULTRA-FAST
REV1.2
logo
Unisonic Technologies
LR1120 UTC-LR1120_12 Datasheet
173Kb / 4P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152 Datasheet
148Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
L1152 UTC-L1152_11 Datasheet
166Kb / 5P
   500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com