Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT916815PSH Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT916815PSH
Description  200mA/500mA Fixed Output Voltage LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT916815PSH Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT916815PSH Datasheet HTML 1Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 2Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 3Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 4Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 5Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 6Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 7Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 8Page - Richtek Technology Corporation RT916815PSH Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9168/A
3
DS9168/A-15 March 2007
www.richtek.com
Absolute Maximum Ratings
Input Voltage ------------------------------------------------------------------------------------------------------------ 8V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance (Note1)
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
Operating Junction Temperature Range --------------------------------------------------------------------------
40°C to 125°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Electrical Characteristics
(VIN = 5.0V, CIN = 1
μF, COUT = 1μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
2.9
--
7
Input Voltage Range
VIN
IL = 50mA
2.7
--
7
V
Output Voltage Accuracy
ΔVOUT
IL = 1mA
-2
--
+2
%
RT9168
200
--
--
mA
Maximum Output
Current
RT9168A
IMAX
500
--
--
mA
RT9168
--
300
--
mA
Current Limit
RT9168A
ILIM
RLOAD = 1Ω
--
700
--
mA
RT9168/A
No Load
--
80
150
RT9168
IOUT = 200mA
--
90
150
GND Pin Current
RT9168A
IG
IOUT = 500mA
--
90
150
μA
RT9168/A
IOUT = 1mA
--
1.1
5
mV
RT9168/A
IOUT = 50mA
--
55
100
mV
RT9168/A
IOUT = 200mA
--
220
300
mV
Dropout Voltage
(2)
(VOUT(Nominal)≥3.0V
Version)
RT9168A
VDROP
IOUT = 500mA
--
600
750
mV
Line Regulation
ΔVLINE VIN = (VOUT+0.15) to 7V, IOUT = 1mA -0.2
--
+0.2
%/V
RT9168/A
IOUT = 0mA to 200mA
--
0.01
0.04
Load Regulation
RT9168A
ΔVLOAD
IOUT = 0mA to 500mA
--
0.01
0.04
%/mA
EN, EN Input High Threshold
VIH
V IN = 3V to 5.5V
2.2
--
--
V
EN, EN Input Low Threshold
VIL
V IN = 3V to 5.5V
--
--
0.4
V
EN, EN Bias Current
ISD
--
--
100
nA
Shutdown Supply Current
IGSD
VOUT = 0V
--
0.01
1
μA
Thermal Shutdown Temperature
TSD
--
155
--
°C
Ripple Rejection
PSRR
F = 100Hz, CBP = 10nF, COUT = 10μF
--
58
--
dB


Similar Part No. - RT916815PSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CBR ETC-RT9168-15CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CS ETC-RT9168-15CS Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-15CSH ETC-RT9168-15CSH Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168-16CBR ETC-RT9168-16CBR Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT916815PSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com