Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9170-12GB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9170-12GB
Description  300mA, 15關A Quiescent Current CMOS LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9170-12GB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9170-12GB Datasheet HTML 1Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 2Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 3Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 4Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 5Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 6Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 7Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 8Page - Richtek Technology Corporation RT9170-12GB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9170
4
DS9170-11
March 2007
www.richtek.com
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions
Note 4. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for load
regulation in the load range from 1mA to 300mA.
Note 5. Quiescent, or ground current, is the difference between input and output currents. It is defined by IQ = IIN - IOUT under no
load condition (IOUT = 0mA). The total current drawn from the supply is the sum of the load current plus the ground pin
current.
Note 6. Standby current is the input current drawn by a regulator when the output voltage is disabled by a shutdown signal
(VEN
2V). It is measured with VIN = 5.5V.
Note 7.
θJA is measured in the natural convection at TA= 25°C on a low effective thermal conductivity test board of
JEDEC
51-3 thermal measurement standard.


Similar Part No. - RT9170-12GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172 RICHTEK-RT9172 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172-15CG RICHTEK-RT9172-15CG Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9172-15CM RICHTEK-RT9172-15CM Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
More results

Similar Description - RT9170-12GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
   100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
logo
AiT Semiconductor Inc.
A6345A AITSEMI-A6345A Datasheet
650Kb / 11P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.0
A6345 AITSEMI-A6345 Datasheet
642Kb / 12P
   CMOS LOW DROPOUT VOLTAGE REGULATOR (LDO) 45V, 300mA, LOW QUIESCENT CURRENT
REV1.1
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com