Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173CGSP Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9173CGSP
Description  Cost-Effective, 2A Sink/Source Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173CGSP Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9173CGSP Datasheet HTML 1Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 2Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 3Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 4Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 5Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 6Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 7Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 8Page - Richtek Technology Corporation RT9173CGSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9173C
3
DS9173C-12
September 2007
www.richtek.com
Function Block Diagram
GND
VCNTL
REFEN
Current Limit
Thermal Protection
VOUT
EA
VIN
Test Circuit
Figure 1. Test Circuit for Typical Operating Characteristics Curves
VIN
REFEN
GND
VCNTL
VOUT
RT9173C
2.5V/1.8V/1.5V
3.3V
1.25V/0.9V/0.75V
V
OUT


Similar Part No. - RT9173CGSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173CS RICHTEK-RT9173CS Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
More results

Similar Description - RT9173CGSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
   Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com