Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173BPL5 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9173BPL5
Description  2A Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173BPL5 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9173BPL5 Datasheet HTML 1Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 2Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 3Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 4Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 5Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 6Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 7Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 8Page - Richtek Technology Corporation RT9173BPL5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9173B
4
DS9173B-09 March 2007
www.richtek.com
Function Block Diagram
CNTL
Current
Limiting Sensor
Thermal
VCNTL
VIN
GND
VOUT
REFEN
Functional Pin Description
Pin Name
Pin Function
VIN
Power Input
GND
Ground
VCNTL
Gate Drive Voltage
REFEN
Reference Voltage Input and Chip Enable
VOUT
Output Voltage


Similar Part No. - RT9173BPL5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173ACM5 RICHTEK-RT9173ACM5 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173ACS RICHTEK-RT9173ACS Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173AGL5 RICHTEK-RT9173AGL5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
RT9173AGM5 RICHTEK-RT9173AGM5 Datasheet
306Kb / 13P
   Peak 3A Bus Termination Regulator
More results

Similar Description - RT9173BPL5

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5338A ANPEC-APL5338A Datasheet
350Kb / 21P
   2A Bus Termination Regulator
APL5338A ANPEC-APL5338A_17 Datasheet
241Kb / 19P
   2A Bus Termination Regulator
APL5338 ANPEC-APL5338 Datasheet
315Kb / 19P
   2A Bus Termination Regulator
logo
Sipex Corporation
SP2996B SIPEX-SP2996B Datasheet
92Kb / 10P
   2A Bus Termination Regulator
logo
Fitipower Integrated Te...
FP6137E FITIPOWER-FP6137E Datasheet
392Kb / 7P
   2A BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
FAN6555 FAIRCHILD-FAN6555 Datasheet
116Kb / 12P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fitipower Integrated Te...
FP6137A FITIPOWER-FP6137A Datasheet
706Kb / 10P
   3A/2A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com