Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173PL5 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9173PL5
Description  Peak 3A Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173PL5 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9173PL5 Datasheet HTML 5Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 6Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 7Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 8Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 9Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 10Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 11Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 12Page - Richtek Technology Corporation RT9173PL5 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9173/A
9
DS9173/A-18 March 2007
www.richtek.com
Figure 7. The Package Section Drawing of RT9173/A
SOP-8 Package
Figure 8. Thermal Resistance Equivalent Circuit of
RT9173/A SOP-8 Package
The thermal resistance
θJA of IC package is determined by
the package design and the PCB design. However, the
package design has been decided. If possible, it's useful
to increase thermal performance by the PCB design. The
thermal resistance can be decreased efficiently by adding
copper under the main path of thermal flow on the package.
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9173/A package, the Figure 9 and
the Figure 10 show the thermal resistance
θJA vs. copper
area of SOP-8 and TO-263-5 packages on single layer
(1S) and 4-layer (2S2P) thermal test board at TA = 25
°C,
PCB copper thickness = 2oz.
Figure 10. Thermal Resistance
θJA vs. Copper Area of
TO-263-5 Packages
For example, as shown in Figure 9, RT9173/A SOP-8 with
10mm x 10mm cooper area on 4-layers (2S2P) thermal
test board at TA = 25
°C, we can obtain the lower thermal
resistance about 45
°C/W. The power maximum dissipation
can be calculated as :
PD(MAX) = (125
°C - 25°C) / (45 °C/W) = 2.22W (SOP-8)
As shown in Figure 10, RT9173/A TO-263-5 with
15mm x 15mm cooper area on 4-layers (2S2P) thermal
test board at TA = 25
°C, we can obtain the lower thermal
resistance about 29
°C/W. The power maximum dissipation
Ambient
Molding Compound
Gold Wire
Lead Frame
Die Pad
Die
Die Pad
Molding Compound
Lead Frame
Case Point
Junction
R
DIE
R
DIE-ATTACH
R
DIE-PAD
R
GOLD-LINE
R
LEAD FRAME
R
PCB
R
PCB
Ambient
R
MOLDING-COMPOUND
path 1
path 2
path 3
R
LEAD FRAME
Internally Fused
θJA vs. Copper Area
30
40
50
60
70
80
90
100
0
1020
3040
5060
7080
90 100
Copper Area (mm
2)
SOP-8
2S2P thermal test board
Figure 9. Thermal Resistance
θJA vs. Copper Area of
SOP-8 Packages
Thermal Resistance vs. Cooper Area
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
350
400
Cooper Area (mm
2)
TO-263-5
1S thermal test board
2S2P thermal test board


Similar Part No. - RT9173PL5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173ACM5 RICHTEK-RT9173ACM5 Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173ACS RICHTEK-RT9173ACS Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
RT9173B RICHTEK-RT9173B Datasheet
262Kb / 13P
   2A Bus Termination Regulator
RT9173BGL5 RICHTEK-RT9173BGL5 Datasheet
262Kb / 13P
   2A Bus Termination Regulator
More results

Similar Description - RT9173PL5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com