Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173CPSP Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9173CPSP
Description  Cost-Effective, 2A Sink/Source Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173CPSP Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9173CPSP Datasheet HTML 5Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 6Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 7Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 8Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 9Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 10Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 11Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 12Page - Richtek Technology Corporation RT9173CPSP Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9173C
11
DS9173C-12
September 2007
www.richtek.com
Figure 5
RDS(ON) vs. Temperature
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VCNTL = 5V
Input Capacitor and Layout Consideration
Place the input bypass capacitor as close as possible to
the RT9173C. A low ESR capacitor larger than 470uF is
recommended for the input capacitor. Use short and wide
traces to minimize parasitic resistance and inductance.
Inappropriate layout may result in large parasitic inductance
and cause undesired oscillation between RT9173C and
the preceding power converter.
Thermal Consideration
RT9173C regulators have internal thermal limiting circuitry
designed to protect the device during overload conditions.
For continued operation, do not exceed maximum operation
junction temperature 125
°C. The power dissipation
definition in device is:
PD = (VIN - VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula:
PD(MAX) = ( TJ(MAX) -TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TA is the ambient temperature and the
θJA is the junction to ambient thermal resistance. The
junction to ambient thermal resistance (
θJA is layout
dependent) for SOP-8 package (Exposed Pad) is 75
°C/W
on standard JEDEC 51-7 (4 layers, 2S2P) thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by following formula:
PD(MAX) = (125
°C - 25°C) / 75°C/W = 1.33W
Figure 6 show the package sectional drawing of SOP-8
(Exposed Pad). Every package has several thermal
dissipation paths. As show in Figure 7, the thermal
resistance equivalent circuit of SOP-8 (Exposed Pad). The
path 2 is the main path due to these materials thermal
conductivity. We define the exposed pad is the case point
of the path 2.
Ambient
Molding Compound
Gold Line
Lead Frame
Die Pad
Case (Exposed Pad)
Figure 6. SOP-8 (Exposed Pad) Package Sectional
Drawing
Figure 7. Thermal Resistance Equivalent Circuit
Junction
R
DIE
R
DIE-ATTACH RDIE-PAD
R
GOLD-LINE
R
LEAD FRAME
Case
(Exposed Pad)
R
PCB
R
PCB
Ambient
R
MOLDING-COMPOUND
path 1
path 2
path 3
The thermal resistance
θJA of SOP-8 (Exposed Pad) is
determined by the package design and the PCB design.
However, the package design has been decided. If possible,
it's useful to increase thermal performance by the PCB
design. The thermal resistance can be decreased by
adding copper under the expose pad of SOP-8 package.
About PCB layout, the Figure 8 show the relation between
thermal resistance
θJA and copper area on a standard
JEDEC 51-7 (4 layers, 2S2P) thermal test board at
TA = 25
°C.We have to consider the copper couldn't stretch


Similar Part No. - RT9173CPSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173CS RICHTEK-RT9173CS Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
More results

Similar Description - RT9173CPSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
   Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com