Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9173C Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9173C
Description  Cost-Effective, 2A Sink/Source Bus Termination Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9173C Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9173C Datasheet HTML 4Page - Richtek Technology Corporation RT9173C Datasheet HTML 5Page - Richtek Technology Corporation RT9173C Datasheet HTML 6Page - Richtek Technology Corporation RT9173C Datasheet HTML 7Page - Richtek Technology Corporation RT9173C Datasheet HTML 8Page - Richtek Technology Corporation RT9173C Datasheet HTML 9Page - Richtek Technology Corporation RT9173C Datasheet HTML 10Page - Richtek Technology Corporation RT9173C Datasheet HTML 11Page - Richtek Technology Corporation RT9173C Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT9173C
8
DS9173C-12
September 2007
www.richtek.com
VIN = 1.5V, VCNTL = 3.3V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Time (1ms/Div)
Source
VIN = 1.5V, VCNTL = 3.3V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Sink
Time (1ms/Div)
VIN = 1.8V, VCNTL = 3.3V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Sink
Time (1ms/Div)
VIN = 1.8V, VCNTL = 3.3V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Time (1ms/Div)
Source
1.25VTT @ 2A Transient Response
40
20
0
-20
2
1
0
VIN = 2.5V, VCNTL = 3.3V, VOUT = 1.25V
Swing Frequency : 1kHz
Time (250
μs/Div)
Sink
1.25VTT @ 2A Transient Response
40
20
0
-20
2
1
0
VIN = 2.5V, VCNTL = 3.3V, VOUT = 1.25V
Swing Frequency : 1kHz
Time (250
μs/Div)
Source


Similar Part No. - RT9173C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173CS RICHTEK-RT9173CS Datasheet
198Kb / 10P
   1.5A/3A Bus Termination Regulator
More results

Similar Description - RT9173C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
   Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
   Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com