Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBD3004SLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBD3004SLT3G
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBD3004SLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBD3004SLT3G Datasheet HTML 1Page - Leshan Radio Company LMBD3004SLT3G Datasheet HTML 2Page - Leshan Radio Company LMBD3004SLT3G Datasheet HTML 3Page - Leshan Radio Company LMBD3004SLT3G Datasheet HTML 4Page - Leshan Radio Company LMBD3004SLT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HIGH VOLTAGE SURFACE MOUNT
SWITCHING DIODE
·Fast Switching Speed
·High Conductance
·High Reverse Breakdown Voltage Rating
Ordering Information(Pb-free)
Device
Marking
Shipping
LMBD3004SLT1G
KAE
3000/Tape&Reel
Maximum Ratings @ TA=25℃ unless otherwise specified
Characteristic
Symbol
LMC10114L
Unit
Repetitive Peak Reverse Voltage
VRRM
350
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
300
V
RMS Reverse Voltage
VR(RMS)
212
V
Forward Continuous Current(Note 2)
IF
225
mA
Peak Repetitive Forward Current(Note 2)
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@t=1.0µs
@t=1.0s
IFSM
4.0
1.0
A
Power Dissipation(Note 2)
Pd
350
mW
Thermal Resistance Junction to Ambient Air(Note 2)
R0JA
357
℃/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
Electrical Characteristics @ TA=25℃ unless otherwise specified, per element
Characteristic
Symbol
Min
Typ
MAX
Unit
Test Condition
Reverse Breakdown Voltage(Note 1)
V(BR)R
350
V
IR=100µA
Forward Voltage(Note 1)
VF
0.78
0.93
1.03
0.87
1.0
1.25
V
IF=20mA
IF=100mA
IF=200mA
Reverse Current(Note 1)
IR
30
35
100
100
nA
µA
VR=240V
VR=240V, Tj=150℃
Total Capacitance
CT
1.0
5.0
Pf
VR=0V, f=1.0MHZ
Reverse Recovery Time
Trr
50
ns
IF=IR=30mA
Irr=3.0mA, RL=100Ω
Notes:
1. Short duration test pulse used to minimize self-heating effect.
2. Part mounted on FR-4 board with recommended pad layout.
LESHAN RADIO COMPANY, LTD.
LMBD3004SLT1G
1
SOT –23
2
3
LMBD3004SLT3G
KAE
10000/Tape&Reel
1/3
3
CAHODE/ANODE
1
ANODE
2
CATHODE
FETURE
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - LMBD3004SLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004CLT1G LRC-LMBD3004CLT1G_15 Datasheet
128Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - LMBD3004SLT3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
WILLAS ELECTRONIC CORP
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
   Surface Mount High-Voltage Switching Diode
logo
Leshan Radio Company
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com