Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9165-80GX Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9165-80GX
Description  150mA 3-Terminal Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9165-80GX Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9165-80GX Datasheet HTML 1Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 2Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 3Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 4Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 5Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 6Page - Richtek Technology Corporation RT9165-80GX Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RT9165
6
DS9165-15
March 2007
www.richtek.com
D
A
C
b
E
L
e
D1
A1
3-Lead TO-92 Plastic Package
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
3.175
4.191
0.125
0.165
A1
1.143
1.372
0.045
0.054
b
0.406
0.533
0.016
0.021
C
0.406
0.533
0.016
0.021
D
4.445
5.207
0.175
0.205
D1
3.429
5.029
0.135
0.198
E
4.318
5.334
0.170
0.210
e
1.143
1.397
0.045
0.055
L
12.700
0.500


Similar Part No. - RT9165-80GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165-80GX RICHTEK-RT9165-80GX Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
More results

Similar Description - RT9165-80GX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
logo
List of Unclassifed Man...
RT9165 ETC-RT9165 Datasheet
144Kb / 6P
   150MA 3- TERMINAL POSITIVE REGULATOR
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com