Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9165-80GZ Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9165-80GZ
Description  150mA 3-Terminal Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9165-80GZ Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9165-80GZ Datasheet HTML 1Page - Richtek Technology Corporation RT9165-80GZ Datasheet HTML 2Page - Richtek Technology Corporation RT9165-80GZ Datasheet HTML 3Page - Richtek Technology Corporation RT9165-80GZ Datasheet HTML 4Page - Richtek Technology Corporation RT9165-80GZ Datasheet HTML 5Page - Richtek Technology Corporation RT9165-80GZ Datasheet HTML 6Page - Richtek Technology Corporation RT9165-80GZ Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RT9165
3
DS9165-15
March 2007
www.richtek.com
Absolute Maximum Ratings
Input Voltage ------------------------------------------------------------------------------------------------------------ 16V
Power Dissipation, PD @ TA = 25°C
TO-92 --------------------------------------------------------------------------------------------------------------------- 0.625W
SOT-89 ------------------------------------------------------------------------------------------------------------------- 0.571W
Package Thermal Resistance (Note4)
TO-92,
θJA --------------------------------------------------------------------------------------------------------------- 160°C/W
SOT-89,
θJA ------------------------------------------------------------------------------------------------------------- 175°C/W
Operating Junction Temperature Range --------------------------------------------------------------------------
40°C to 125°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
Electrical Characteristics
(VIN = 7.0V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
RT9165
4.900
5.000
5.100
Output Voltage
(Note1)
RT9165-80
VOUT
VIN = VOUT + 2V
7.840
8.000
8.160
V
Line Regulation
(Note1)
ΔVLINE
VIN = VOUT + 2V ~ 16V
--
0.1
0.5
%
Load Regulation
(Note1)
ΔVLOAD
IL = 0~150mA
--
0.2
0.5
%
Dropout Voltage
(Note2)
VDROP
ΔVOUT =1%
--
1.2
1.3
V
Current Limit
ILIM
300
--
--
mA
Quiescent Current
IQ
--
4.5
8
mA
Temperature Coefficient
TC
--
0.005
--
%/°C
Temperature Stability
TS
--
0.5
--
%
RMS Output Noise
(Note3)
--
0.003
--
%/VOUT
Note 1. Low duty cycle pulse testing with Kelvin connections required.
Note 2. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Note 3. Bandwidth of 10Hz to 10kHz.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.


Similar Part No. - RT9165-80GZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165-80GZ RICHTEK-RT9165-80GZ Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
More results

Similar Description - RT9165-80GZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
logo
List of Unclassifed Man...
RT9165 ETC-RT9165 Datasheet
144Kb / 6P
   150MA 3- TERMINAL POSITIVE REGULATOR
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com