Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9164A-15PG Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9164A-15PG
Description  1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9164A-15PG Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9164A-15PG Datasheet HTML 1Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 2Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 3Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 4Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 5Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 6Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 7Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 8Page - Richtek Technology Corporation RT9164A-15PG Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9164A
5
DS9164A-13 August 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Output Voltage
(Note 4)
RT9164A -33
VOUT
IOUT = 10mA, VIN = 4.75V, TJ = 25°C
3.267 3.300 3.365
V
10mA
< IOUT< 1.0A, 4.75V < VIN < 10V 3.234 3.300 3.400
RT9164A -35
IOUT = 10mA, VIN= 5V, TJ = 25°C
3.465 3.500 3.570
10mA
< IOUT < 1.0A, 5.0V < VIN < 10V 3.430 3.500 3.605
Line Regulation
(Note 4)
RT9164A
ΔVLINE
IOUT = 10mA,
1.5V
≤ VIN−V OUT ≤ 10V
--
0.1
0.3
%
RT9164A -15
IOUT = 10mA, 3.3V ≤ VIN ≤ 15V
--
1
6
mV
RT9164A -18
IOUT = 10mA, 3.3V ≤ VIN ≤ 15V
--
1
6
mV
RT9164A -25
IOUT = 10mA, 4.0V ≤ VIN ≤ 15V
--
1
6
mV
RT9164A -28
IOUT = 10mA, 4.25V ≤ VIN ≤ 15V
--
1
6
mV
RT9164A -30
IOUT = 10mA, 4.5V ≤ VIN ≤ 15V
--
1
6
mV
RT9164A -33
IOUT = 10mA, 4.75V ≤ VIN ≤ 15V
--
1
6
mV
RT9164A -35
IOUT = 10mA, 5.0V ≤ VIN ≤ 15V
--
1
6
mV
Load Regulation
(Note 4)
RT9164A
ΔVLOAD
(VIN−VOUT) = 3V, 10mA ≤ I OUT ≤ 1.0A
--
0.2
0.4
%
RT9164A -15
VIN = 3.3V, 10mA ≤ I OUT ≤ 1.0A
--
1
10
mV
RT9164A -18
VIN = 3.3V, 10mA ≤ I OUT ≤ 1.0A
--
1
10
mV
RT9164A -25
VIN = 4.0V, 10mA ≤ I OUT ≤ 1.0A
--
1
10
mV
RT9164A -28
VIN = 4.25V, 10mA ≤ I OUT ≤ 1.0A
--
1
10
mV
RT9164A -30
VIN = 4.5V, 10mA ≤ I OUT ≤ 1.0A
--
1
12
mV
RT9164A -33
VIN = 4.75V, 10mA ≤ I OUT ≤ 1.0A
--
1
12
mV
RT9164A -35
VIN = 5.0V, 10mA ≤ I OUT ≤ 1.0A
--
1
15
mV
Dropout Voltage
(Note 5)
VDROP
IOUT = 500mA
--
1.15 1.25
V
IOUT = 1.0A
--
1.3
1.4
V
Current Limit
ILIM
VIN = 5V
1.0
1.8
--
A
Minimum Load Current RT9164A
(VIN−VOUT) = 2V
--
5
10
mA
Quiescent Current
RT9164A -XX IQ
VIN = 5V
--
5
10
mA
Ripple Rejection
PSRR
fRIPPLE = 120Hz ,
(VIN − VOUT) = 2V, VRIPPLE = 1VP-P
--
72
--
dB
Adjust Pin Current
IADJ
--
65
120
μA
Adjust Pin Current Change
ΔIADJ
10mA
≤ IOUT ≤ 1.0A, VIN = 5V
--
0.2
5
μA


Similar Part No. - RT9164A-15PG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9164AGG RICHTEK-RT9164AGG Datasheet
245Kb / 14P
   Low Dropout Performance, 1.4V Max, Full Current Rating Over Line and Temperature
More results

Similar Description - RT9164A-15PG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com