Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9133AGQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9133AGQW
Description  Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9133AGQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9133AGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 9Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 10Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 11Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 12Page - Richtek Technology Corporation RT9133AGQW Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RT9133A/B
Preliminary
9
DS9133A/B-04 August 2007
www.richtek.com
Applications Information
The RT9133A/B has high performance to drive large load
for different application. High slew rates, rail-to-rail input
and output capability and low power consumption are the
features to make the RT9133A/B ideal for LCD applications.
The RT9133A/B also has wide bandwidth and phase margin
to drive a load of 10k
Ω and 10pF.
Operating Voltage
The RT9133A/B is specified with single supply voltage
from 5V to 15V. According to the electrical characteristics,
the total supply voltage range is guaranteed from 4.5V to
15V. To refer the typical operational curves can get stable
specifications in wide range of temperature and operating
voltage.
The output swing of the RT9133A/B typically extends to
within 80mV of positive/negative supply rails with 5mA
load current source/sink. Decreasing the load current will
get output swing even closer to the supply rails. Figure 1
shows the rail-to-rail input and output waveforms in the
unit gain configuration without load current. The supply
rails are +/-5V. Applying an input 10Vp_p sinusoidal
waveform results in a 9.8Vp_p output voltage as shown in
Figure 1.
Power Dissipation
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
Figure 1. Operation with Rail-to-Rail Input and Output
Time (250
μs/Div)
junction to ambient. The maximum power dissipation can
be calculated by following formula:
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where
TJ(MAX): The maximum operation junction temperature
150
°C
TA : The ambient temperature.
θJA : The junction to ambient thermal resistance.
The recommended operating condition of RT9133A/B is
below the maximum junction temperature 150
°C of the
die. The junction to ambient thermal resistance for
SOT-23-5 package is 250
°C/W, WDFN-6L 2x2 package
is 165
°C/W and MSOP-8 package is 160°C/W on the
standard JEDEC 51-3 single layer thermal test board. The
maximum power dissipation at TA= 25
°C can be calculated
by following formula:
PD(MAX) = (150
°C−25°C) / 250 = 500mW (SOT-23-5)
PD(MAX) = (150
°C−25°C) / 165 = 758mW (WDFN-6L 2x2)
PD(MAX) = ( 150
°C - 25°C ) / 160 = 781mW (MSOP-8)
For continuous operation, do not exceed absolute
maximum operation junction temperature 150
°C. The
power dissipation definition for the RT9133A/B is as
following:
PD = (VS - VOUT) x ILoad
VS : the supply voltage
VOUT : the output voltage
ILoad : the output load current
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. Figure 2 shows the power dissipation
derating curves of the RT9133A/B with different packages.
As the ambient temperature increases, the maximum
power dissipation decreases linearly to keep the junction
temperature below 150
°C.


Similar Part No. - RT9133AGQW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
   Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
RT9134GC RICHTEK-RT9134GC Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
More results

Similar Description - RT9133AGQW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
   Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com