Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9014-FMPQW Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9014-FMPQW
Description  Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9014-FMPQW Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9014-FMPQW Datasheet HTML 1Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 2Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 3Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 4Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 5Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 6Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 7Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 8Page - Richtek Technology Corporation RT9014-FMPQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9014/A
Preliminary
5
DS9014/A-08 August 2007
www.richtek.com
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Enable Input Voltage ------------------------------------------------------------------------------------------------------ 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------------- 0
°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage
VIN
VIN = 2.5V to 5.5V
2.5
--
5.5
V
IOUT = 150mA
--
120
--
mV
Dropout Voltage
(Note 5)
VDROP
IOUT = 300mA
--
240
--
mV
Output voltage range
VOUT
1.2
--
3.6
V
VOUT Accuracy
ΔV
IOUT = 1mA
-2
--
+2
%
Line Regulation
ΔVLINE
VIN = (VOUT + 0.3V) to 5.5V or
VIN > 2.5V, whichever is larger
--
--
0.2
%/V
Load Regulation
ΔVLOAD 1mA < IOUT< 300mA
--
--
0.6
%
Current Limit
RLOAD = 1Ω
330
450
700
mA
Quiescent Current
IQ
VEN > 1.5V
--
58
80
uA
Shutdown Current
IQ_SD
VEN < 0.4V
--
--
1
uA
VIH
VIN = 2.5V to 5.5V, Power On
1.5
--
--
EN Threshold
VIL
VIN = 2.5V to 5.5V, Shutdown
--
--
0.4
V
Output Voltage TC
--
100
--
ppm/
°C
Thermal Shutdown
TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
40
--
°C
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 6V
Other I/O Pin Voltages --------------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------------- 0.926W
Package Thermal Resistance (Note 4)
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 108°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
(VIN = VOUT + 1V, VEN = VIN, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified.)
To be continued


Similar Part No. - RT9014-FMPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9014-FMPQV RICHTEK-RT9014-FMPQV Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
More results

Similar Description - RT9014-FMPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9014 RICHTEK-RT9014_11 Datasheet
379Kb / 12P
   Ultra Low Noise 300mA Dual LDO Regulator with POR, NMOS Driver and Requiring No Bypass Capacitor
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
   300mA Low-Noise LDO Without Bypass Capacitor
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
   300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7230 EUTECH-EUP7230 Datasheet
72Kb / 1P
   Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
   Dual,300mA Ultra-low Noise CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com