Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9006AGSP Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9006AGSP
Description  Dual LDO Regulator with Reset Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9006AGSP Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9006AGSP Datasheet HTML 1Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 2Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 3Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 4Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 5Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 6Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 7Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 8Page - Richtek Technology Corporation RT9006AGSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9006A/B
4
DS9006A/B-05
September 2007
www.richtek.com
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board (4 Layers,
2S2P) of JEDEC 51-7 thermal measurement standard. The case point of
θJC is on the expose pad for SOP-8 (Exposed
Pad) package.
Note 5. Guaranteed by design.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Load Regulation
ΔVLOAD2 1mA < IOUT2 < 100mA
--
5
30
mV
VDROP2_1 IOUT2 = 30mA
--
50
90
Dropout Voltage
VDROP2_2 IOUT2 = 100mA
--
150
200
mV
Quiescent Current
IQ2
IOUT2 = 0A
--
40
--
mA
Line Regulation
ΔVLINE2
VIN2 = 4.3V to 5.5V,
IOUT2 = 30mA
--
0.1
0.2
%/V
Power Supply Rejection Rate
PSRR2
f = 100Hz, IOUT2 = 100mA
--
−60
--
dB
Current Limit
ILIM2
VIN2 = 5.0V, VOUT2 short to GND
500
--
700
mA
Thermal Shutdown Protection TSD2
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD2
--
40
--
°C
Detector
Detect Falling Voltage
VDF
2.744
2.8
2.856
V
Hysteresis
ΔVHYS
--
--
140
mV
Sink Current
IRST
VRST = 0.5V, VIN2 = 5.0V
7.0
12.0
--
mA
CT Source Current
ICT
2.1
2.6
3.1
uA


Similar Part No. - RT9006AGSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9006AGSP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
R5511X RICOH-R5511X Datasheet
490Kb / 17P
   LDO REGULATOR with RESET
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Advanced Power Electron...
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com