Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9006A Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9006A
Description  Dual LDO Regulator with Reset Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9006A Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9006A Datasheet HTML 2Page - Richtek Technology Corporation RT9006A Datasheet HTML 3Page - Richtek Technology Corporation RT9006A Datasheet HTML 4Page - Richtek Technology Corporation RT9006A Datasheet HTML 5Page - Richtek Technology Corporation RT9006A Datasheet HTML 6Page - Richtek Technology Corporation RT9006A Datasheet HTML 7Page - Richtek Technology Corporation RT9006A Datasheet HTML 8Page - Richtek Technology Corporation RT9006A Datasheet HTML 9Page - Richtek Technology Corporation RT9006A Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RT9006A/B
10
DS9006A/B-05
September 2007
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
8F, No. 137, Lane 235, Paochiao Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)89191466 Fax: (8862)89191465
Email: marketing@richtek.com
Outline Information
A
B
J
F
H
M
C
D
I
Y
X
EXPOSED THERMAL PAD
(Bottom of Package)
8-Lead SOP (Exposed Pad) Plastic Package
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
4.801
5.004
0.189
0.197
B
3.810
4.000
0.150
0.157
C
1.346
1.753
0.053
0.069
D
0.330
0.510
0.013
0.020
F
1.194
1.346
0.047
0.053
H
0.170
0.254
0.007
0.010
I
0.000
0.152
0.000
0.006
J
5.791
6.200
0.228
0.244
M
0.406
1.270
0.016
0.050
Option 1
X
2.000
2.300
0.079
0.091
Y
2.000
2.300
0.079
0.091
Option 2
X
2.100
2.500
0.083
0.098
Y
3.000
3.500
0.118
0.138


Similar Part No. - RT9006A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
   600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9006A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
R5511X RICOH-R5511X Datasheet
490Kb / 17P
   LDO REGULATOR with RESET
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Advanced Power Electron...
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com