Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM50TU-24H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM50TU-24H
Description  Six IGBTMOD 50 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM50TU-24H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM50TU-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM50TU-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM50TU-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM50TU-24H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
93
Six IGBTMOD™
U-Series Module
50 Amperes/1200 Volts
CM50TU-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
93
Dimensions
Inches
Millimeters
A
4.02
102.0
B
3.15
±0.01
80.0
±0.25
C
3.58
91.0
D
2.91
±0.01
74.0
±0.25
E
0.43
11.0
F
0.79
20.0
G
0.39
10.0
H
0.75
19.1
J
0.79
20.0
Dimensions
Inches
Millimeters
K
0.05
1.25
L
0.74
18.7
M
1.55
39.3
N
0.12
3.05
P
0.32
8.1
Q
1.02
26.0
R
0.47
11.85
S
0.22 Dia.
5.5 Dia.
Description:
Powerex IGBTMOD™ Modules
are designed for use in switching
applications. Each module consists
of six IGBT Transistors in a three
phase bridge configuration, with
each transistor having a reverse-
connected super-fast recovery
free-wheel diode. All components
and interconnects are isolated
from the heat sinking baseplate,
offering simplified system assembly
and thermal management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast Recovery
(135ns) Free-Wheel Diode
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ UPS
□ Welding Power Supplies
□ Laser Power Supplies
Ordering Information:
Example: Select the complete
module number you desire from
the table - i.e. CM50TU-24H is a
1200V (VCES), 50 Ampere Six-
IGBT IGBTMOD™ Power Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
50
24
A
S 4 - Mounting
Holes
D
C
B
Q
P
uv
w
GuN
EuN
GvN
EvN
GwN
EwN
GuP
EuP
GwP
EwP
GvP
EvP
E
G
F
G
EE
R
HH
EE
E
K
0.110 - 0.5 Tab
N
HH
J
J
5 - M4 NUTS
M
L
K
GuP
EuP
GuN
EuN
U
P
N
GvP
EvP
GvN
EvN
V
GwP
EwP
GwN
EwN
W
TC
Measured
Point
TC
Measured
Point


Similar Part No. - CM50TU-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM50TU-24H MITSUBISHI-CM50TU-24H Datasheet
56Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TU-24H MITSUBISHI-CM50TU-24H Datasheet
121Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TU-24H MITSUBISHI-CM50TU-24H_09 Datasheet
121Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM50TU-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50TF-24H POWEREX-CM50TF-24H Datasheet
67Kb / 4P
   Six-IGBT IGBTMOD 50 Amperes/1200 Volts
CM75TU-24H POWEREX-CM75TU-24H Datasheet
76Kb / 4P
   Six IGBTMOD 75 Amperes/1200 Volts
CM100TU-24H POWEREX-CM100TU-24H Datasheet
76Kb / 4P
   Six IGBTMOD 100 Amperes/1200 Volts
CM50TU-24F POWEREX-CM50TU-24F Datasheet
127Kb / 4P
   Trench Gate Design Six IGBTMOD??50 Amperes/1200 Volts
CM50TJ-24F POWEREX-CM50TJ-24F Datasheet
100Kb / 4P
   Trench Gate Design Six IGBTMOD??50 Amperes/1200 Volts
CM50TL-24NF POWEREX-CM50TL-24NF Datasheet
536Kb / 4P
   Six IGBTMOD NF-Series Module 50 Amperes/1200 Volts
CM100TF-24H POWEREX-CM100TF-24H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 100 Amperes/1200 Volts
CM75TF-24H POWEREX-CM75TF-24H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 75 Amperes/1200 Volts
CM15TF-24H POWEREX-CM15TF-24H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 15 Amperes/1200 Volts
CM20TF-24H POWEREX-CM20TF-24H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 20 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com