Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8805GQVA Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8805GQVA
Description  Two Phase General Purpose PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8805GQVA Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8805GQVA Datasheet HTML 6Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 7Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 8Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 9Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 10Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 11Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 12Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 13Page - Richtek Technology Corporation RT8805GQVA Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT8805
Preliminary
10
DS8805-01 November 2005
www.richtek.com
LGATE. OCP function monitors both channels, either
one can activate OCP. If the OC protection occurs three
times, OCSD (Over Current Shut Down) will be activated
and shut down the chip.
e. When fault conditions occur or SS < 0.4V, the current
sense function will be disabled.
Power Good
PGOOD goes high when soft-start voltage > 3.7V, and no
fault conditions.
Feedback Loop Compensation
The RT8805 is a voltage mode controller ; the control
loop is a single voltage feedback path including an error
amplifier and PWM comparator. In order to achieve fast
transient response and accurate output regulation, an
adequate compensator design is necessary. The goal of
the compensation network is to provide adequate phase
margin (greater than 45 degrees) and the highest 0dB
crossing frequency. To manipulate loop frequency response
under its gain crosses over 0dB at a slope of -20dB/
decade.
1) Modulator Frequency Equations
RT8805 is a voltage mode buck converter using the high
gain error amplifier with transconductance (OTA,
Operational Transconductance Amplifier), as Figure 6
shown.
The Transconductance:
Δ VM = (EA+) - (EA-) ; Δ IOUT = E/A output current.
M
OUT
ΔV
ΔI
GM
=
Figure 6. OTA Topology
This transfer function of OTA is dominated by a higher DC
gain and the output filter (LOUT and COUT) with a double
pole frequency at FLC and a zero at FESR. The DC gain of
the modulator is the input voltage (VIN) divided by the
peak to peak oscillator voltage VRAMP.
OUT
OUT
P(LC)
C
L
2
1
F
×
×
=
π
The next step of compensation design is to calculate the
ESR zero. The ESR zero is contributed by the ESR
associated with the output capacitance. Note that this
requires that the output capacitor should have enough ESR
to satisfy stability requirements. The ESR zero of the
output capacitor expressed as follows:
ESR
C
2
1
F
OUT
Z(ESR)
×
×
= π
2) Compensation Frequency Equations
The compensation network consists of the error amplifier
and the impedance networks ZC and ZF as Figure 7 shown.
Figure 7. Compensation Loop
+
×
×
×
=
×
×
=
×
×
=
C2
C1
C2
C1
R2
2
1
F
C1
R1
2
1
F
C2
R2
2
1
F
P2
P1
Z1
π
π
π
Figure 8 shows the DC-DC converter's gain vs. frequency.
The compensation gain uses external impedance networks
ZC and ZF to provide a stable, high bandwidth loop. High
crossover frequency is desirable for fast transient
response, but often jeopardize the system stability. In
order to cancel one of the LC filter poles, place FZ1 before
the LC filter resonant frequency. In the experience, place
FZ1 at 10% LC filter resonant frequency. Crossover
frequency should be higher than the ESR zero but less
than 1/5 of the switching frequency. The FP2 should be
place at half the switching frequency.
The first step is to calculate the complex conjugate poles
contributed by the LC output filter.
The output LC filter introduces a double pole, 40dB/decade
gain slope above its corner resonant frequency, and a total
phase lag of 180 degrees. The resonant frequency of the
LC filter expressed as follows:
V
OUT
R
OUT
GM
EA+
EA-
-
+
+
-
GM
V
REF
V
COMP
C2
R2
C1
R
F
V
OUT
FB
R1


Similar Part No. - RT8805GQVA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CGQV RICHTEK-RT8805CGQV Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CGQVA RICHTEK-RT8805CGQVA Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CPQV RICHTEK-RT8805CPQV Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
RT8805CPQVA RICHTEK-RT8805CPQVA Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
More results

Similar Description - RT8805GQVA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
   Two Phase General Purpose PWM Controller
logo
Semtech Corporation
SC2642 SEMTECH-SC2642 Datasheet
110Kb / 10P
   Multi-Platform Two-Phase PWM Controller
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
[Old version datasheet]   GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800A RICHTEK-RT8800A Datasheet
481Kb / 21P
   General Purpose 3-Phase PWM Controller for High-Density Power Supply
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL9502CRZ INTERSIL-ISL9502CRZ Datasheet
535Kb / 24P
   Two-Phase PWM Controller for Graphics Processor Units (GPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com