Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-CR61-M1J Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3S-CR61-M1J
Description  Oil-resistive, long-distance photoelectric sensor (metal case)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-CR61-M1J Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3S-CR61-M1J Datasheet HTML 2Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 3Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 4Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 5Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 6Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 7Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 8Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 9Page - Omron Electronics LLC E3S-CR61-M1J Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A-151
E3S-C
Characteristic data (typical)
Nomenclature:
(Horizontal type)
(Vertical type)
*1. The output transistor can be selected with the NPN/PNP output selector.
*2. The operation mode can be selected with the L/OND/ON selector.
Note: The through-beam and retroreflective models are different in sensitivity
adjuster shape.
Operation
Sensitivity adjustment (diffuse reflective model, light-ON)
Unlike the conventional models, the E3S-C scarcely has sensitivity variations between products. Therefore, you need to make the
above adjustment on only one diffuse reflective model of E3S-CD that will be used for detection under the same conditions, and
match the indicator points of the other diffuse reflective models of E3S-CD with the above adjusted one. (You need not match the
sensitivity of each sensor.)
Operating Range
Through-beam
Retroreflective Models
Diffuse-reflective
E3S-CT#1(-M1J)
E3S-CR#1 (-M1J) + E39-R1 (supplied reflector)
E3S-CD##(-M1J)
500
300
100
50
30
10
5
3
1
Distance (m)
0
102030
40
Operation
level
500
300
100
50
30
10
5
3
1
Distance (m)
0
123
4
Operation
level
Reflector: E39-R1
500
300
100
50
30
10
5
3
1
Distance (m)
01
2
3
Operation
level
Sensing object: White paper
E3S-CD#2
E3S-CD#1
Min
Max
SL
PNP
SENS
D·ON
NPN
L·ON
E3S-CD12
Stability
indicator (green)
Light indicator (red)
Control unit cover
Sensitivity adjuster
L-ON and D-ON
selector * 2
Model
NPN and PNP
output selector * 1
PNP
NPN
D
ON
L
ON
SENS
SL
Max
Min
Stability indicator
(green)
Light indicator
(red)
Control unit cover
Sensitivity adjuster
L-ON and
D-ON selector * 2
NPN and PNP
output selector * 1
Sequence
Detection state
Sensitivity adjuster
Indicator state
Adjustment procedure
A Point A
Place a sensing object in the predetermined position, turn the
sensitivity adjuster clockwise (increase sensitivity) until the
incident indicator (red) is turned ON, and define this position
as (A).
B Point B
Remove the sensing object, turn the sensitivity adjuster fur-
ther clockwise until the incident indicator (red) is turned ON
by a background object, and define this position as (B). Turn
the sensitivity adjuster counterclockwise (decrease sensitivi-
ty) from (B) until the incident indicator (red) is turned OFF,
and define this position as (C). When there is no background
object, define the maximum adjuster position (Max) as (C).
C Setting
---
Set the adjuster in the middle of positions (A) and (C) (opti-
mum sensitivity setting). Also make sure that the stability in-
dicator (green) is turned ON when there is an object and
when there is no object.
When the indicator is not turned ON, recheck the detection
method since there is a little allowance.
Photoelectric
Sensor
Stability indicator
(green)
Light indicator
(red)
ON
ÆOFF
OFF
ÆON
Photoelectric Sensor
Stability indicator
(green)
Light indicator
(red)
ON
ÆOFF
ON
ÆOFF
Stability indicator
(green)
Light indicator
(red)
ON
ON
´OFF


Similar Part No. - E3S-CR61-M1J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CR61 OMRON-E3S-CR61 Datasheet
651Kb / 14P
   Long Range Metal Body Sensor
More results

Similar Description - E3S-CR61-M1J

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CL OMRON-E3S-CL Datasheet
677Kb / 10P
   Distance-settable Photoelectric Sensor with Metal Case
08/12
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-129 CONTRINEX-DTR-C23PB-TMS-129 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TMS-139 CONTRINEX-DTR-C23PB-TMS-139 Datasheet
196Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTR-C23PB-TLS-139 CONTRINEX-DTR-C23PB-TLS-139 Datasheet
187Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com