Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8801B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8801B
Description  Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8801B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8801B Datasheet HTML 1Page - Richtek Technology Corporation RT8801B Datasheet HTML 2Page - Richtek Technology Corporation RT8801B Datasheet HTML 3Page - Richtek Technology Corporation RT8801B Datasheet HTML 4Page - Richtek Technology Corporation RT8801B Datasheet HTML 5Page - Richtek Technology Corporation RT8801B Datasheet HTML 6Page - Richtek Technology Corporation RT8801B Datasheet HTML 7Page - Richtek Technology Corporation RT8801B Datasheet HTML 8Page - Richtek Technology Corporation RT8801B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RT8801B
Preliminary
2
DS8801B-04
August 2007
www.richtek.com
All brandname or trademark belong to their owner respectively
Registers
0x00 Hi-I setting registers; Default 0x00
Bit4-0 :
Pin Configurations
(TOP VIEW)
VQFN-32L 5x5
Bit4 Bit3 Bit2 Bit1 Bit0 VID Offset (mV)
0
0
0
0
0
0
0
0
0
0
1
25
0
0
0
1
0
50
0
0
0
1
1
75
0
0
1
0
0
100
0
0
1
0
1
125
0
0
1
1
0
150
0
0
1
1
1
175
0
1
0
0
0
200
0
1
0
0
1
225
0
1
0
1
0
250
0
1
0
1
1
275
0
1
1
0
0
300
0
1
1
0
1
325
0
1
1
1
0
350
0
1
1
1
1
375
Bit4 Bit3 Bit2 Bit1 Bit0 VID Offset (mV)
1
0
0
0
0
400
1
0
0
0
1
425
1
0
0
1
0
450
1
0
0
1
1
475
1
0
1
0
0
500
1
0
1
0
1
525
1
0
1
1
0
550
1
0
1
1
1
575
1
1
0
0
0
600
1
1
0
0
1
625
1
1
0
1
0
650
1
1
0
1
1
675
1
1
1
0
0
700
1
1
1
0
1
725
1
1
1
1
0
750
1
1
1
1
1
800
SLOT_OCC
PWM3
AD_SEL
GND
IC_OUT
FB
CLK
DATA
CSP2
ADJ
CSP4
CSP3
CSP1
PWM1
PWM2
1
2
3
4
5
6
7
21
20
19
18
17
16
15
8
9
101112
14
13
28
27
26
25
24
22
23
32
31
30
29
GND
33
RST


Similar Part No. - RT8801B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801 RICHTEK-RT8801 Datasheet
474Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
RT8801GQV RICHTEK-RT8801GQV Datasheet
474Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
RT8801PQV RICHTEK-RT8801PQV Datasheet
474Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
More results

Similar Description - RT8801B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801 RICHTEK-RT8801 Datasheet
474Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
RT9245B RICHTEK-RT9245B Datasheet
584Kb / 23P
   Multi-Phase PWM Controller for K8 CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com