Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8801PQV Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8801PQV
Description  Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8801PQV Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8801PQV Datasheet HTML 5Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 6Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 7Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 8Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 9Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 10Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 11Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 12Page - Richtek Technology Corporation RT8801PQV Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
RT8801
Preliminary
9
DS8801-04
August 2007
www.richtek.com
All brandname or trademark belong to their owner respectively
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VDD ----------------------------------------------------------------------------------------- 7V
Input, Output or I/O Voltage -------------------------------------------------------------------------------- GND
- 0.3V to V
DD + 0.3V
Power Dissipation, PD @ TA = 25
°C
VQFN-32L 5x5 ------------------------------------------------------------------------------------------------ 2.78W
Package Thermal Resistance (Note 4)
VQFN-32L 5x5,
θJA ------------------------------------------------------------------------------------------- 36°C/W
Junction Temperature ---------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------- 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 3)
Supply Voltage, VDD ----------------------------------------------------------------------------------------- 5V
± 10%
Ambient Temperature Range ------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature Range ------------------------------------------------------------------------------- 0
°C to 125°C
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VDD Supply Current
Nominal Supply Current
IDD
PWM 1,2,3,4 Open
--
12
16
mA
Power-On Reset
POR Threshold
VDDRTH
VDD Rising
4.0
4.2
4.5
V
Hysteresis
VDDHYS
0.2
0.5
--
V
Trip (Low to High)
VDVDTP
Enable
0.8
0.9
1.0
V
VDVD Threshold
Hysteresis
VDVDHYS
--
70
--
mV
Oscillator
Free Running Frequency
fOSC
RRT = 22.5kΩ
250
300
350
kHz
Frequency Adjustable Range
fOSC_ADJ
50
--
400
kHz
Ramp Amplitude
ΔVOSC
RRT = 22.5kΩ
--
1.9
--
V
Ramp Valley
VRV
0.7
1.0
--
V
Maximum On-Time of Each Channel
62
66
75
%
RT Pin Voltage
VRT
RRT = 22.5kΩ
1.7
1.8
1.9
V
Reference and DAC
VDAC ≥ 1V
−1
--
+1
%
DACOUT Voltage Accuracy
ΔVDAC
VDAC < 1V
−10
--
+10
mV
DAC (VID0-VID125) Input Low
VILDAC
--
--
0.3
V
DAC (VID0-VID125) Input High
VIHDAC
0.8
--
--
V
(VDD = 5V, TA = 25°C, unless otherwise specified)


Similar Part No. - RT8801PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801B RICHTEK-RT8801B Datasheet
490Kb / 23P
   Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
RT8801BGQV RICHTEK-RT8801BGQV Datasheet
490Kb / 23P
   Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
RT8801BPQV RICHTEK-RT8801BPQV Datasheet
490Kb / 23P
   Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
More results

Similar Description - RT8801PQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801B RICHTEK-RT8801B Datasheet
490Kb / 23P
   Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
   Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
   Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com