Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2150AQ Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA2150AQ
Description  CRT DRIVER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2150AQ Datasheet(HTML) 3 Page - Sony Corporation

  CXA2150AQ Datasheet HTML 1Page - Sony Corporation CXA2150AQ Datasheet HTML 2Page - Sony Corporation CXA2150AQ Datasheet HTML 3Page - Sony Corporation CXA2150AQ Datasheet HTML 4Page - Sony Corporation CXA2150AQ Datasheet HTML 5Page - Sony Corporation CXA2150AQ Datasheet HTML 6Page - Sony Corporation CXA2150AQ Datasheet HTML 7Page - Sony Corporation CXA2150AQ Datasheet HTML 8Page - Sony Corporation CXA2150AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
– 3 –
CXA2150AQ
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
20
21
22
23
24
25
26
27
28
29
30
31
32 AFC_FIL
IREF_HV
VBIAS
VREG5
HS_IN
SCP
SCL
SDA
F1
F0
CR_IN
CB_IN
Y_IN
52
53
54
55
56
57
58
59
60
61
62
63
64
V_DRV–
V_DRV+
VTIM
Vcc9
ABL_IN
ABL_FIL
IK_IN
SABL_IN
PRE_RGB
Vcc_OUT
B_OUT
G_OUT
R_OUT


Similar Part No. - CXA2150AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2153 SONY-CXA2153 Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
More results

Similar Description - CXA2150AQ

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA1556N CALOGIC-CVA1556N Datasheet
162Kb / 8P
   CRT Driver
CVA24150T CALOGIC-CVA24150T Datasheet
57Kb / 5P
   180V CRT Driver
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CRT CALOGIC-CRT Datasheet
22Kb / 1P
   CRT Driver Amplifiers
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
CVA3424A CALOGIC-CVA3424A Datasheet
38Kb / 4P
   185MHz CRT Driver
logo
National Semiconductor ...
LH2422 NSC-LH2422 Datasheet
197Kb / 7P
   CRT VIDEO DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com