Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8009-33PJ5 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8009-33PJ5
Description  1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8009-33PJ5 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8009-33PJ5 Datasheet HTML 1Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 2Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 3Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 4Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 5Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT8009-33PJ5 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT8009
5
DS8009-03 March 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage
Accuracy
Adjustable
ΔVOUT
VIN = VOUT + ΔV to 5.5V
(Note 5)
0A < IOUT < 600mA
3
--
+3
%
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
RDS(ON) of P-Channel MOSFET
RDS(ON)_P IOUT = 200mA
VIN = 3.6V
--
0.3
0.65
Ω
VIN = 2.5V
--
0.4
0.80
RDS(ON) of N-Channel MOSFET RDS(ON)_N IOUT = 200mA
VIN = 3.6V
--
0.25
0.55
Ω
VIN = 2.5V
--
0.35
0.65
P-Channel Current Limit
ILIM_P
VIN = 2.5V to 5.5 V
1
--
1.8
A
EN High-Level Input Voltage
VEN_H
VIN = 2.5V to 5.5V
1.5
--
--
V
EN Low-Level Input Voltage
VEN_L
VIN = 2.5V to 5.5V
--
--
0.4
V
Undervoltage Lock Out threshold
--
1.8
--
V
Hysteresis
--
0.1
--
V
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 100mA
0.8
1.25
1.85
MHz
Thermal Shutdown Temperature TSD
--
160
--
°C
Min. On Time
--
50
--
ns
Max. Duty Cycle
100
--
--
%
LX Leakage Current
VIN = 3.6V, VLX = 0V or VLX = 3.6V
-1
--
1
μA
Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 5.
ΔV = IOUT x RDS(ON)_P


Similar Part No. - RT8009-33PJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8009-33PJ5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
   1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com