Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8101PS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8101PS
Description  12V Synchronous Buck PWM DC-DC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8101PS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8101PS Datasheet HTML 6Page - Richtek Technology Corporation RT8101PS Datasheet HTML 7Page - Richtek Technology Corporation RT8101PS Datasheet HTML 8Page - Richtek Technology Corporation RT8101PS Datasheet HTML 9Page - Richtek Technology Corporation RT8101PS Datasheet HTML 10Page - Richtek Technology Corporation RT8101PS Datasheet HTML 11Page - Richtek Technology Corporation RT8101PS Datasheet HTML 12Page - Richtek Technology Corporation RT8101PS Datasheet HTML 13Page - Richtek Technology Corporation RT8101PS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
RT8101/A
Preliminary
www.richtek.com
DS8101/A-01 March 2007
1) Modulator Frequency Equations
The modulator transfer function is the small-signal transfer
function of VOUT/VCOMP (output voltage over the error
amplifier output. This transfer function is dominated by a
DC gain, a double pole, and a zero as shown in Figure 7.
The DC gain of the modulator is the input voltage (VIN)
divided by the peak to peak oscillator voltage VOSC. The
output LC filter introduces a double pole, 40dB/decade
gain slope above its corner resonant frequency, and a total
phase lag of 180 degrees. The resonant frequency of the
LC filter is expressed as below:
OUT
OUT
LC
C
L
2
1
f
×
=
π
ESR
C
2
1
f
OUT
ESR
×
×
=
π
The ESR zero is contributed by the ESR associated with
the output capacitance. Note that this requires that the
output capacitor should have enough ESR to satisfy
stability requirements. The ESR zero of the output
capacitor is expressed as follows :
2) Compensation Frequency Equations
The compensation network consists of the error amplifier
and the impedance networks ZC and ZF as shown in
Figure 6.
Figure 6. Compensation Loop
C2
x
R2
x
2
1
fZ1
π
=
C2
C1
C2
x
C1
x
R2
x
2
1
fP1
+
=
π
+
-
FB
V
REF
COMP
EA
Z
C
Z
F
C1
C2
R2
R1
R
F
V
OUT
Feedback Compensation
The RT8101/A is a voltage mode controller. The control
loop is a single voltage feedback path including a
compensator and modulator as shown in Figure 5. The
modulator consists of the PWM comparator and power
stage. The PWM comparator compares error amplifier EA
output (COMP) with oscillator (OSC) sawtooth wave to
provide a pulse-width modulated (PWM) with an amplitude
of VIN at the PHASE node. The PWM wave is smoothed
by the output filter LOUT and COUT. The output voltage (VOUT)
is sensed and fed to the inverting input of the error amplifier.
A well-designed compensator regulates the output voltage
to the reference voltage VREF with fast transient response
and good stability.
In order to achieve fast transient response and accurate
output regulation, an adequate compensator design is
necessary. The goal of the compensation network is to
provide adequate phase margin (greater than 45 degrees)
and the highest 0dB crossing frequency. It is also
recommended to manipulate loop frequency response that
its gain crosses over 0dB at a slope of
−20dB/dec.
Figure 5. Closed Loop
-
+
+
-
OSC
ΔVOSC
ZFB
ZIN
VIN
Driver
Driver
REF
PWM
Comparator
COMP
EA
+
-
REF
EA
ZFB
ZIN
VOUT
FB
COMP
C1
C2
C3
R1
R2
R3
ESR
PHASE
COUT
VOUT
LOUT


Similar Part No. - RT8101PS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT810 LRC-RT810 Datasheet
57Kb / 2P
   AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8100 RICHTEK-RT8100 Datasheet
427Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100APQV RICHTEK-RT8100APQV Datasheet
422Kb / 18P
   Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results

Similar Description - RT8101PS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
List of Unclassifed Man...
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
   12V/9A Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com