Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8020DPQW Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8020DPQW
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8020DPQW Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8020DPQW Datasheet HTML 1Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 2Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 3Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 4Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 5Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 6Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 7Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 8Page - Richtek Technology Corporation RT8020DPQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT8020
4
DS8020-03 August 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
l
Supply Input Voltage, VIN1, VIN2 ----------------------------------------------------------------------------------
−0.3V to 6.5V
l
EN1, FB1, LX1, EN2, FB2 and LX2 Pin Voltage --------------------------------------------------------------
−0.3V to VIN + 0.3V
l
Power Dissipation, PD @ TA = 25
°C
WDFN-12L 3x3 ------------------------------------------------------------------------------------------------------- 1.667W
l
Package Thermal Resistance (Note 4)
WDFN-12L 3x3,
θJA -------------------------------------------------------------------------------------------------- 60°C/W
WDFN-12L 3x3,
θJC ------------------------------------------------------------------------------------------------- 8.2°C/W
l
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
l
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
l
Storage Temperature Range ---------------------------------------------------------------------------------------
65°C to 150°C
l
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Channel 1 and Channel 2
Input Voltage Range
VIN
2.5
--
5.5
V
Under Voltage Lock Out
threshold
UVLO
--
1.8
--
V
Hysteresis
--
0.1
--
V
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
50
70
µA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
µA
Reference Voltage
VREF
For Adjustable Output Voltage
0.588
0.6
0.612
V
Adjustable Output Voltage
Range
VOUT
(Note 6)
VREF
--
VIN −∆V
V
∆VOUT
VIN = 2.5V to 5.5V, VOUT = 1.2V
0A < IOUT < 1A
−3
--
+3
%
∆VOUT
VIN = 2.5V to 5.5V, VOUT = 1.3V
0A < IOUT < 1A
−3
--
+3
%
∆VOUT
VIN = 2.5 to 5.5V, VOUT = 1.8V
0A < IOUT < 1A
−3
--
+3
%
∆VOUT
VIN = VOUT + ∆V to 5.5V
(Note 5)
VOUT = 2.5V, 0A < IOUT < 1A
−3
--
+3
%
Output Voltage
Accuracy
Fix
∆VOUT
VIN = VOUT + ∆V to 5.5V
(Note 5)
VOUT = 3.3V, 0A < IOUT < 1A
−3
--
+3
%
To be continued
Recommended Operating Conditions
(Note 3)
l
Supply Input Voltage ------------------------------------------------------------------------------------------------ 2.5V to 5.5V
l
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2uH, CIN = 4.7uF, COUT = 10uF, TA = 25° C, IMAX= 1A unless otherwise specified)


Similar Part No. - RT8020DPQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020GQW RICHTEK-RT8020GQW Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020PQW RICHTEK-RT8020PQW Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8020DPQW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com