Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8011APQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8011APQW
Description  2A, 4MHz, Synchronous Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8011APQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8011APQW Datasheet HTML 2Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 3Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 4Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 5Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 6Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 7Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 8Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 9Page - Richtek Technology Corporation RT8011APQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
RT8011/A
6
DS8011/A-00 August 2006
www.richtek.com
Absolute Maximum Ratings (Note 1)
Supply Input Voltage, VDD, PVDD ----------------------------------------------------------------------------
−0.3V to 6V
LX Pin Switch Voltage --------------------------------------------------------------------------------------------
−0.3V to (PVDD+ 0.3V)
Other I/O Pin Voltages -------------------------------------------------------------------------------------------
−0.3V to (VDD + 0.3V)
LX Pin Switch Current -------------------------------------------------------------------------------------------- 4A
Power Dissipation, PD @ TA = 25
°C
MSOP-10 ------------------------------------------------------------------------------------------------------------ 467mW
WDFN-10L 3x3 ----------------------------------------------------------------------------------------------------- 909mW
WDFN-8L 3x3 ------------------------------------------------------------------------------------------------------ 909mW
Package Thermal Resistance (Note 4)
MSOP-10,
θJA ------------------------------------------------------------------------------------------------------ 214°C/W
WDFN-10L 3x3,
θJA ----------------------------------------------------------------------------------------------- 110°C/W
WDFN-8L 3x3,
θJA ------------------------------------------------------------------------------------------------- 110°C/W
Junction Temperature --------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------- 260
°C
Storage Temperature Range ------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) -------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VDD = 3.3V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VDD
2.6
--
5.5
V
Feedback Voltage
VFB
0.784
0.8
0.816
V
Active , VFB = 0.78V, Not Switching
--
460
--
μA
DC Bias Current
Shutdown
--
--
1
μA
Output Voltage Line Regulation
VIN = 2.7V to 5.5V
--
0.04
--
%/V
Output Voltage Load Regulation
0A < ILOAD < 2A
--
0.25
--
%
Error Amplifier
Transconductance
gm
--
800
--
μs
Current Sense Transresistance
RT
--
0.4
--
Ω
Power Good Range
--
±12.5
±15
%
Power Good Pull-Down
Resistance
--
--
120
Ω
To be continued
Recommended Operating Conditions
(Note 3)
Supply Input Voltage ---------------------------------------------------------------------------------------------- 2.6V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------
−40°C to 85°C


Similar Part No. - RT8011APQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10GQW RICHTEK-RT8010-10GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQV RICHTEK-RT8010-10PQV Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQW RICHTEK-RT8010-10PQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-12GQW RICHTEK-RT8010-12GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8011APQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com