Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8009-25GB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8009-25GB
Description  1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8009-25GB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8009-25GB Datasheet HTML 3Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 4Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 5Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 6Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 7Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 8Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 9Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 10Page - Richtek Technology Corporation RT8009-25GB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT8009
7
DS8009-03 March 2007
www.richtek.com
Output Ripple
Time (500ns/Div)
VOUT
(2mV/Div)
VLX
(5V/Div)
ILX
(500mA/Div)
VIN = 3.3V, VOUT = 1.8V, IOUT = 600mA
Load Transient Response
Time (100
μs/Div)
IOUT
(500mA/Div)
VOUT
(20mV/Div)
VIN = 3.3V, VOUT = 1.8V, IOUT = 300mA to 600mA
Load Transient Response
Time (100
μs/Div)
IOUT
(500mA/Div)
VOUT
(20mV/Div)
VIN = 3.3V, VOUT = 1.8V, IOUT = 150mA to 600mA
Power On
Time (100
μs/Div)
VEN
(2V/Div)
VOUT
(1V/Div)
IIN
(200mA/Div)
VIN = 3.3V, VOUT = 1.8V, IOUT = 600mA
Reference vs. Temperature
0.490
0.493
0.495
0.498
0.500
0.503
0.505
0.508
0.510
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V, VOUT = 1.8V
(
°C)
Reference vs. Input Voltage
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
0.60
2.5
2.8 3.1
3.4 3.7
4
4.3
4.6 4.9
5.2 5.5
Input Voltage (V)
VOUT = 1.8V


Similar Part No. - RT8009-25GB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8009-25GB

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
   1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com