Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8058PQW Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8058PQW
Description  1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8058PQW Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8058PQW Datasheet HTML 6Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 7Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 8Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 9Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 10Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 11Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 12Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 13Page - Richtek Technology Corporation RT8058PQW Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT8058
Preliminary
10
DS8058-02 August 2007
www.richtek.com
Application Information
Function Description
The RT8058 is a 1MHz constant frequency, current mode
PWM step-down converter. High switching frequency and
high efficiency make it suitable for applications where high
efficiency and small size are critical.
Frequency compensation is done internally. The output
voltages are set by external dividers returned to the FB
pin. The output voltage can be set from 0.8V to 5V.
Main Control Loop
During normal operation, the internal top power switch
(P-MOSFET) is turned on at the beginning of each clock
cycle. Current in the inductor increases until the peak
inductor current reach the value defined by the output
voltage of the error amplifier. The error amplifier adjusts its
output voltage by comparing the feedback signal from a
resistor divider on the FB pin with an internal 0.6V
reference. When the load current increases, it causes a
reduction in the feedback voltage relative to the reference.
The error amplifier raises its output voltage until the average
inductor current matches the new load current. When the
top power MOSFET shuts off, the synchronous power
switch (N-MOSFET) turns on until the beginning of the
next clock cycle.
Soft Start / Enable
For convenience of power up sequence control, RT8058
has an enable pin. Logic high at EN pin will enable the
converter. When the converter is enabled, the clamped
error amplifier output ramps up during 1024-clock period
to increase the current provided by converter until the
output voltage reach the target voltage. If EN is kept at
high during Vin applying, RT8058 will be enabled when
VDD surpass Under-Voltage Lockout threshold.
Output Voltage Programming
The output voltage is set by an external resistive divider
according to the following equation :
VOUT = VREF x (1+ R1/R2)
where VREF equals to 0.6V typical.
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown in Figure 1.
RT8058
FB
GND
VOUT
R1
R2
Figure 1. Setting the Output Voltage
Slope Compensation and Inductor Peak Current
Slope compensation prov ides stability in constant
frequency architectures by preventing sub harmonic
oscillations at duty cycles greater than 50%. It is
accomplished internally by adding a compensating ramp
to the inductor current signal. Normally, the maximum
inductor peak current is reduced when slope compensation
is added. In RT8058, however, separated inductor current
signal is used to monitor over current condition and this
keeps the maximum output current relatively constant
regardless of duty cycle.
Dropout Operation
When input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle
eventually reaching 100% duty cycle. The output voltage
will then be determined by the input voltage minus the
voltage drop across the internal P-MOSFET and the
inductor.
Low Supply Operation
The RT8058 is designed to operate down to an input supply
voltage of 2.7V. One important consideration at low input
supply voltages is that the RDS(ON) of the P-Channel and
N-Channel power switches increases. The user should
calculate the power dissipation when the RT8058 is used
at 100% duty cycle with low input voltages to ensure that
thermal limits are not exceeded.


Similar Part No. - RT8058PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT8058AGQW RICHTEK-RT8058AGQW Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8058PQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FP6361 FITIPOWER-FP6361 Datasheet
586Kb / 9P
   1MHz, 2A, High-Efficiency PWM Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com