Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8020APQW Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8020APQW
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8020APQW Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8020APQW Datasheet HTML 1Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 2Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 3Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 4Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 5Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 6Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 7Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 8Page - Richtek Technology Corporation RT8020APQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT8020
5
DS8020-03 August 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage
Accuracy
Adjustable
∆VOUT
VIN = VOUT + ∆V to 5.5V
(Note 5)
0A < IOUT < 1A
3
--
+3
%
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
VIN = 2.5V
--
0.38
--
RDS(ON) of P-MOSFET
RDS(ON)_P IOUT = 200mA
VIN = 3.6V
--
0.28
--
VIN = 2.5V
--
0.35
--
RDS(ON) of N-MOSFET
RDS(ON)_N IOUT = 200mA
VIN = 3.6V
--
0.25
--
P-Channel Current Limit
ILIM_P
VIN = 2.5V to 5.5 V
1.4
1.5
2
A
EN High-Level Input Voltage
VEN_H
VIN = 2.5V to 5.5V
1.5
--
VIN
EN Low-Level Input Voltage
VEN_L
VIN = 2.5V to 5.5V
--
--
0.4
V
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 100mA
1.2
1.5
1.8
MHz
Thermal Shutdown Temperature
TSD
--
160
--
°C
Maximum Duty Cycle
100
--
--
%
LX Leakage Current
ILX
VIN = 3.6V, VLX = 0V or VLX = 3.6V
−1
--
1
µA
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a high effective four layers thermal conductivity test board of
JEDEC 51-7 thermal measurement standard.
Note 5.
∆V = IOUT x PRDS(ON)
Note 6. Guarantee by design.


Similar Part No. - RT8020APQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020GQW RICHTEK-RT8020GQW Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020PQW RICHTEK-RT8020PQW Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8020APQW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com