Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8011GQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8011GQW
Description  2A, 4MHz, Synchronous Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8011GQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8011GQW Datasheet HTML 5Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 6Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 9Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 10Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 11Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 12Page - Richtek Technology Corporation RT8011GQW Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT8011/A
9
DS8011/A-00 August 2006
www.richtek.com
VREF vs. Input Voltage
0.800
0.801
0.802
0.803
0.804
0.805
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
5.25 5.5
Input Voltage (V)
Output Voltage vs. Temperature
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
-50
-25
0
255075
100
125
Temperature (
°C)
VIN = 3.3V
Output Ripple
Time (250ns/Div)
ILX
(2A/Div)
VOUT
(10mV/Div)
VIN = 5V, VOUT = 2.5V
IOUT = 2A
VLX
(5V/Div)
Output Ripple
Time (250ns/Div)
ILX
(2A/Div)
VOUT
(10mV/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 2A
VLX
(5V/Div)
Load Transient Response
Time (50
μs/Div)
ILX
(1A/Div)
VOUT
(50mV/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 1A to 2A
Load Transient Response
Time (50
μs/Div)
ILX
(1A/Div)
VOUT
(50mV/Div)
VIN = 3.3V, VOUT = 2.5V
IOUT = 0A to 2A


Similar Part No. - RT8011GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10GQW RICHTEK-RT8010-10GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQV RICHTEK-RT8010-10PQV Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-10PQW RICHTEK-RT8010-10PQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010-12GQW RICHTEK-RT8010-12GQW Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8011GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com