Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8020 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8020
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8020 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8020 Datasheet HTML 3Page - Richtek Technology Corporation RT8020 Datasheet HTML 4Page - Richtek Technology Corporation RT8020 Datasheet HTML 5Page - Richtek Technology Corporation RT8020 Datasheet HTML 6Page - Richtek Technology Corporation RT8020 Datasheet HTML 7Page - Richtek Technology Corporation RT8020 Datasheet HTML 8Page - Richtek Technology Corporation RT8020 Datasheet HTML 9Page - Richtek Technology Corporation RT8020 Datasheet HTML 10Page - Richtek Technology Corporation RT8020 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT8020
7
DS8020-03 August 2007
www.richtek.com
Output Current Limit vs. Temperature
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
VOUT = 1.2V
VIN = 5.0V
VIN = 3.6V
VIN = 3.3V
Switching Frequency vs. Temperature
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1.55
1.6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
VIN = 3.6V, VOUT = 1.2V, IOUT = 300mA
(
°C)
Output Voltage vs. Loading Current
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.91
Loading Current (A)
VIN = 5.0V
VIN = 3.6V
Output Voltage vs. Temperature
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature
VIN = 3.6V, IOUT = 0A
(
°C)
Switching Frequency vs. Input Voltage
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
2.5
2.8
3.1
3.4
3.74
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VIN = 3.6V, VOUT = 1.2V, IOUT = 300mA
Output Current Limit vs. Input Voltage
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 1.2V @ TA = 25
°C


Similar Part No. - RT8020

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020GQW RICHTEK-RT8020GQW Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020PQW RICHTEK-RT8020PQW Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8020

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com