Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8009-12PB Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8009-12PB
Description  1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8009-12PB Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8009-12PB Datasheet HTML 5Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 6Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 7Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 8Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 9Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 10Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 11Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 12Page - Richtek Technology Corporation RT8009-12PB Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT8009
11
DS8009-03 March 2007
www.richtek.com
Figure 7. Top Layer
Figure 8. Bottom Layer
Component Supplier
Series
Inductance (uH) DCR (mΩ) Current Rating (mA) Dimensions (mm)
TAIYO YUDEN
NR 3015
2.2
60
1480
3x3x1.5
TAIYO YUDEN
NR 3015
4.7
120
1020
3x3x1.5
Sumida
CDRH2D14
2.2
75
1500
4.5x3.2x1.55
Sumida
CDRH2D14
4.7
135
1000
4.5x3.2x1.55
GOTREND
GT SD32
2.2
58
1500
3.85x3.85x1.8
GOTREND
GT SD32
4.7
146
1100
3.85x3.85x1.8
Table 1. Inductors
Component Supplier
Part No.
Capacitance (uF)
Case Size
TDK
C1608JB0J475M
4.7
0603
TDK
C2012JB0J106M
10
0805
MURATA
GRM188R60J475KE19
4.7
0603
MURATA
GRM219R60J106ME19
10
0805
MURATA
GRM219R60J106KE19
10
0805
TAIYO YUDEN
JMK107BJ475RA
4.7
0603
TAIYO YUDEN
JMK107BJ106MA
10
0603
TAIYO YUDEN
JMK212BJ106RD
10
0805
Table 2. Capacitors for CIN and COUT
Recommended component selection for Typical Application
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8009.
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.
An example of 2-layer PCB layout is shown in Figure 7
and Figure 8 for reference.
LX
GND
RT8009
EN
FB
L1
C4
V
IN
V
OUT
C3
R1
R2
VIN
1
3
2
5
4
10uF
C1
C2
4.7uF
R3
4.7uH
Figure 6. EVB Schematic


Similar Part No. - RT8009-12PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
RT8004GQV RICHTEK-RT8004GQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PCP RICHTEK-RT8004PCP Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
RT8004PQV RICHTEK-RT8004PQV Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
More results

Similar Description - RT8009-12PB

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
   1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Lowpower Semiconductor ...
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
   1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com