Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8004QS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8004QS
Description  3A, 4MHz, Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8004QS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8004QS Datasheet HTML 1Page - Richtek Technology Corporation RT8004QS Datasheet HTML 2Page - Richtek Technology Corporation RT8004QS Datasheet HTML 3Page - Richtek Technology Corporation RT8004QS Datasheet HTML 4Page - Richtek Technology Corporation RT8004QS Datasheet HTML 5Page - Richtek Technology Corporation RT8004QS Datasheet HTML 6Page - Richtek Technology Corporation RT8004QS Datasheet HTML 7Page - Richtek Technology Corporation RT8004QS Datasheet HTML 8Page - Richtek Technology Corporation RT8004QS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT8004
3
DS8004-03
September 2007
www.richtek.com
Functional Pin Description
Pin No.
Pin
Name
Pin Function
RT8004PS RT8004PCP RT8004PQP
1
1
15
VDD
Signal Input Supply. Decouple this pin to GND with a capacitor.
Normally VDD is equal to PVDD.
2
2
16
PGOOD
Power Good Indicator. Open-drain logic output that is pulled to
ground when the output voltage is not within ±12.5% of regulation
point.
3
3
1
COMP
Error Amplifier Compensation Pin. The current comparator
threshold increases with this control voltage. Connect external
compensation elements to this pin to stabilize the control loop.
4
4
2
FB
Feedback Pin. Receives the feedback voltage from a resistive
divider connected across the output.
5
5
3
RT
Oscillator Resistor Input. Connecting a resistor to ground from this
pin sets the switching frequency.
6
6
4
SYNC
External Clock Synchronization Input. The internal oscillator can
be synchronized to an external clock applied to this pin. If not use,
please connect this pin to VDD or GND.
7
7
5
EN/SS
Enable Control and Soft-Start Input. Forcing this pin below 0.5V
shuts down the RT8004. In shutdown all functions are disabled
drawing < 1uA of supply current. A capacitor to ground from this
pin sets the ramp time to full output current.
8
8, Exposed
Pad (17)
6, Exposed
Pad (17)
GND
Signal Ground. All small-signal components, compensation
components and the exposed pad on the bottom side of the IC
should connect to this ground, which in turn connects to PGND at
one point.
9, 16
9, 16
7, 14
PVDD
Power Input Supply. Decouple this pin to PGND with a capacitor.
10,11,
14, 15
10,11,
14, 15
8, 9, 12, 13 LX
Internal Power MOSFET Switches Output. Connect this pin to the
inductor.
12, 13
12, 13
10, 11
PGND
Power Ground. Connect this pin close to the terminal of CIN and
COUT.


Similar Part No. - RT8004QS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
More results

Similar Description - RT8004QS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8011 RICHTEK-RT8011 Datasheet
414Kb / 17P
   2A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com