Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8004 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8004
Description  3A, 4MHz, Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8004 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8004 Datasheet HTML 5Page - Richtek Technology Corporation RT8004 Datasheet HTML 6Page - Richtek Technology Corporation RT8004 Datasheet HTML 7Page - Richtek Technology Corporation RT8004 Datasheet HTML 8Page - Richtek Technology Corporation RT8004 Datasheet HTML 9Page - Richtek Technology Corporation RT8004 Datasheet HTML 10Page - Richtek Technology Corporation RT8004 Datasheet HTML 11Page - Richtek Technology Corporation RT8004 Datasheet HTML 12Page - Richtek Technology Corporation RT8004 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT8004
9
DS8004-03
September 2007
www.richtek.com
Frequency vs. RRT
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
200
400
600
800
1000
1200
1400
RRT (k )
VIN = 3.3V
(k
Ω)
VREF Deviation vs. Temperature
-1.50%
-1.00%
-0.50%
0.00%
0.50%
1.00%
1.50%
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V
(
°C)
Frequency vs. Temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature
VIN = 3.3V
5
4
3
2
1
0
-1
-2
-3
-4
-5
(
°C)
Frequency vs. Input Voltage
0.992
1
1.008
1.016
1.024
1.032
1.04
3
3.5
4
4.5
5
5.5
Input Voltage (V)
R = 309k
Peak Current Limited vs. Input Voltage
4.5
4.7
4.9
5.1
5.3
5.5
33.544.555.5
Input Voltage (V)
VOUT = 2.5V
Quiescent Current vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
3
3.5
4
4.5
5
5.5
Input Voltage (V)


Similar Part No. - RT8004

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
More results

Similar Description - RT8004

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A_15 Datasheet
326Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8011 RICHTEK-RT8011 Datasheet
414Kb / 17P
   2A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com