Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE84G770B Datasheet(PDF) 6 Page - King blillion Electronics Co.,Ltd.

Part # HE84G770B
Description  8-BIT MICRO-CONTROLLER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE84G770B Datasheet(HTML) 6 Page - King blillion Electronics Co.,Ltd.

Back Button HE84G770B Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE84G770B Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
King Billion Electronics Co., Ltd
駿
HE84G770
HE80004H SERIES
October 31, 2003
6
Version:V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
Pin Name
I/O
Description
COM drivers or SEG drivers can be selected by mask option MO_COM[1..0]. Please refer
to LCD driver configuration for details.
SEG[79..72]/
D[7..0]
O LCD segment SEG[79..72] outputs share pads with data bus D[7..0] of external memory.
SEG[71..48]/
A[23..0]
O
LCD segment SEG[71..48] outputs share pads with address bus A[23..0] of external
memory.
OE/SEG[47]
O
Output Enable control of external memory shares pad with SEG[47]. The function of the pin
is selected by mask option MO_ EXMEM.
When used as Output Enable control pin, this pin control the tri-state buffer of external
memory data bus.
WE/SEG[46]
O
Write Enable 0 of external memory shares pad with SEG[46]. The function of the pin is
selected by mask option MO_ EXMEM.
When used as Write Enable control pin, this pin controls Write Enable input of the external
memory device.
CS0/SEG[45]
O
Chip Enable 0 of external memory shares pad with SEG[45]. The function of the pin is
selected by mask option MO_ EXMEM.
When used as Chip Enable control pin, this pin select or de-select the external memory
device based on the address been accessed.
CS1/SEG[44]
O
Chip Enable 1 of external memory shares pad with SEG[44]. The function of the pin is
selected by mask option MO_ EXMEM.
When used as Chip Enable control pin, this pin select or de-select the external memory
device based on the address been accessed.
CS2
O
Chip Enable 2 of external memory. This pin select or de-select the external memory device
based on the address been accessed.
CS3
O
Chip Enable 3 of external memory. This pin select or de-select the external memory device
based on the address been accessed.
SGKY[43..24]
O
LCD segments share pads with key scan out SCNO[19..0]. The key scan function of these
pins can be disabled by mask option clearing MO_LCDKEY to ‘0’, then SGKY[43..24]
function as LCD segment driver only. Setting MO_LCDKEY to ‘1’ will turn on the key scan
function.
PRT14[7..0]/
SEG[23..16]
B/
O
8 bits bi-directional I/O port 14 are shared with LCD segment pads SEG[23..16]. The
function of the pad can be selected individually by mask options MO_LIO14[7..0]. (‘1’ for
LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_14PP[7..0] (1 for
push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as
input, “1” must be outputted before reading.
PRT15[7..0]/
SEG[15..8]
B/
O
8 bits bi-directional I/O port 15 are shared with LCD segment pads SEG[15..8]. The
function of the pad can be selected individually by mask options MO_LIO15[7..0]. (‘1’ for
LCD and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_15PP[7..0] (1 for
push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as
input, “1” must be outputted before reading.
PRT17[7..0]/
SEG[7..0]
B/
O
8 bits bi-directional I/O port 17 are shared with LCD segment pads SEG[7..0]. The function
of the pad can be selected individually by mask options MO_LIO17[7..0]. (‘1’ for LCD
and ‘0’ for I/O).
The output type of I/O pad can also be selected by mask option MO_17PP[7..0] (1 for
push-pull and ‘0’ for open-drain).
As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as
input, “1” must be outputted before reading.


Similar Part No. - HE84G770B

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE84G752B KB-HE84G752B Datasheet
454Kb / 49P
   8-BIT MICRO-CONTROLLER
HE84G761B KB-HE84G761B Datasheet
572Kb / 60P
   8-BIT MICRO-CONTROLLER
HE84G762B KB-HE84G762B Datasheet
572Kb / 60P
   8-BIT MICRO-CONTROLLER
HE84G763B KB-HE84G763B Datasheet
570Kb / 60P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - HE84G770B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com