Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR2I-458-10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TR2I-458-10
Description  Narrow Band FM Multi-channel UHF Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TR2I-458-10 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TR2I-458-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers TR2I-458-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd
TR2M Data Sheet
page 5
Received Signal Strength
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
RF Level (dBm)
Figure 5: RSSI voltage variation with respect to RF level at TR2M
If the microcontroller has a built-in Analogue to Digital Converter (ADC), the Received Signal Strength
Indicator (RSSI) output voltage level can be read by the microcontroller to estimate its distance from
transmitting TR2M unit or identify areas of weak signal reception.
RSSI can also be used to make a decision to switch to the second antenna in fixed installations within
building where the probability of null-spots are higher.
Regulatory Restrictions
There is a generic 10% duty cycle restriction on the 433MHz ISM band through out European countries
with few exceptions. Annex 1 Band E, Band E2 of European Radio Communications Committee (ERC)
Recommendation 70-03 dated February 2004 specifies the following:
433.050MHz (Ch0)
434.050MHz (Ch40)
433.775MHz (Ch69)
10mW ERP, 10% duty cycle
for Channelised Narrow Band and Wide Band usage
10mW ERP, 100% duty cycle
for <25kHz Channelised Narrow Band usage
433.05MHz
434.040MHz
434.79MHz
433.050-434.790 MHz, Non Specific Short Range Device, band is primarily intended for Telemetry,
Telecommand, Alarms, Data in general and other similar applications. Audio and Voice signals should
be avoided in the band.


Similar Part No. - TR2I-458-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TR2I-458-10 RADIOMETRIX-TR2I-458-10 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-10 RADIOMETRIX-TR2I-458-10 Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results

Similar Description - TR2I-458-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
RDL2 RADIOMETRIX-RDL2 Datasheet
235Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com