Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE83R125 Datasheet(PDF) 12 Page - King blillion Electronics Co.,Ltd.

Part # HE83R125
Description  This chip is suitable for the applications that require higher performance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R125 Datasheet(HTML) 12 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R125 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83R125 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
King Billion Electronics Co., Ltd
駿
HE83R125
HE80000 Series
March 13, 2003
12
V1.0E
This specification is subject to change without notice. Please contact sales person for the latest version before use.
T1H
T1L
"Timer1 Counter"
decreases 1
Count TO
0xFFFFh
Auto reload when
Timer1 underflow
No
Start Timer1
Interrupt Request.
Yes
The contents of T1H and
T1L almost loaded into
Timer1 immediately
when Timer1 is turned on
after reset.
T1_INT
The Timer1 related control registers are list as below:
Register Address
Field
Bit position Mode
Description
IER
0x02
TC1_IER
2
R/W 0: TC1 interrupt is disabled. (default)
1: TC1 interrupt is enabled.
T1L
0x03
T1L[7:0]
7~0
W
Low byte of TC1 pre-load value
T1H
0x04
T1H[7:0]
7~0
W
High byte of TC1 pre-load value
OP1
0x09
TC1E
2
R/W 0: TC1 is disabled. (default)
1: TC1 is enabled.
11. Timer2
Timer2 is similar in structure to Timer1 except that clock source of Timer2 comes from the system clock
“FSYS”/1.5. The system clock “FSYS” varies depending on the operation modes of the MCU.
The Timer2 consists of two 8-bit write-only preload registers T2H and T2L and 16-bit down counter. If
Timer2 is enabled, counter will decrement by one with each incoming clock pulse. Timer2 interrupt will


Similar Part No. - HE83R125

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83R123 KB-HE83R123 Datasheet
323Kb / 18P
   oscillator clocks. This chip is suitable for the applications that require higher performance
HE83R126 KB-HE83R126 Datasheet
277Kb / 10P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - HE83R125

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83R123 KB-HE83R123 Datasheet
323Kb / 18P
   oscillator clocks. This chip is suitable for the applications that require higher performance
logo
List of Unclassifed Man...
7343-2USRC ETC1-7343-2USRC Datasheet
87Kb / 5P
   The series is specially designed for applications requiring higher brightness.
logo
WAGO Kontakttechnik Gmb...
221-2411 WAGO-221-2411 Datasheet
365Kb / 5P
   This connector is suitable for worldwide installations.
28.05.2021
logo
DIYI Electronic Technol...
BT152 DYELEC-BT152 Datasheet
1Mb / 3P
   The BT152 is suitable for motor control
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
   This series is for use in hazardous areas This is suitable for use in water
logo
ams AG
GWCSSRM1.EC AMSCO-GWCSSRM1.EC Datasheet
2Mb / 27P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.PC AMSCO-GWCSSRM1.PC Datasheet
2Mb / 26P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
GWCSSRM1.CC AMSCO-GWCSSRM1.CC Datasheet
5Mb / 26P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.5
logo
TE Connectivity Ltd
411-18527 TEC-411-18527 Datasheet
215Kb / 11P
   This ERGOCRIMP Die is suitable to crimp the following crimp contacts
logo
Molex Electronics Ltd.
MX150L MOLEX5-MX150L Datasheet
3Mb / 36P
   The pre-assembled, submersible MX150L is a high performance connector system suitable for challenging, rugged and harsh applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com