Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB1HSA321553329 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # CB1HSA321553329
Description  PON Filter for FTTx 1310/1490/1550nm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1HSA321553329 Datasheet(HTML) 2 Page - Bookham, Inc.

  CB1HSA321553329 Datasheet HTML 1Page - Bookham, Inc. CB1HSA321553329 Datasheet HTML 2Page - Bookham, Inc. CB1HSA321553329 Datasheet HTML 3Page - Bookham, Inc. CB1HSA321553329 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
PON Filter for FTTx
Typical design specifications (valid over operating temperature)
Notes:
[1] Loss includes connector pair
[2] At edge of clear channel
[3] Nominal overall length. Standard package length without boots nominally 35mm
Component Parameters
Specification # 0383
Unit
Transmission Passband Center
1550/193.414
nm/THz
Transmission Insertion Loss
0.7
max dB
Transmission Inertion Loss Variation
0.2
max dB
Transmission Isolation
40 min
dB
Lower Adjacent Band Region
1260 to 1500
nm
Reflection Passband Centers
1310 & 1490
nm
Reflection Insertion Loss
0.5
max dB
Reflection Isolation
25
min dB
Passband Half-Width
[1]
-18.2/2.3
nm/THz
Polarization Dependent Loss
[1]
0.1
max dB
Return Loss
[1]
50
min dB
Directivity
[1]
50
min dB
Operationg Temperature
[2]
-5 to 70
°C
Storage Temperature
-40 to 85
°C
Dimensions
[3] (standard packaging)
5.5 (O) x 51 (L)
mm
Example Application and Performance
Typical PON triplexer application and 1550nm transmission passband flatness detail
PON Filter
PON Filter
1310+1490nm
1310+1490+1550nm
1550nm
Network
1xN split
Central Office
Video
Data/Voice
1310+1490nm
Customer
Video
Data/Voice
1550nm


Similar Part No. - CB1HSA321553329

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1HSA3215533290653 BOOKHAM-CB1HSA3215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
More results

Similar Description - CB1HSA321553329

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Bookham, Inc.
TFLPF15533296533 BOOKHAM-TFLPF15533296533 Datasheet
147Kb / 3P
   FTTx Filter Chips
logo
Source Photonics, Inc.
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
ANADIGICS, Inc
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
logo
Source Photonics, Inc.
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-A SOURCE-ITR-D3T-SD6-A Datasheet
346Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com