Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV640TT-90TCP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN29LV640TT-90TCP
Description  64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV640TT-90TCP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN29LV640TT-90TCP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV640TT-90TCP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN29LV640T/B
Rev. B, Issue Date: 2007/05/16
FEATURES
• Single power supply operation
- Full voltage range: 2.7 to 3.6 volts read and
write operations
• High performance
- Access times as fast as 70 ns
• Low power consumption (typical values at 5
MHz)
- 9 mA typical active read current
- 20 mA typical program/erase current
- Less than 1
μA current in standby or automatic
sleep mode.
• Flexible Sector Architecture:
- Eight 8-Kbyte sectors, One hundred and
twenty-seven 32K-Word / 64K-byte sectors.
- 8-Kbyte sectors for Top or Bottom boot.
- Sector/Sector Group protection:
Hardware locking of sectors to prevent
program or erase operations within individual
sectors
Additionally, temporary Sector Group
Unprotect allows code changes in previously
locked sectors.
• High performance program/erase speed
- Word program time: 8µs typical
- Sector erase time: 500ms typical
- Chip erase time: 64s typical
• JEDEC Standard compatible
• Standard DATA# polling and toggle bits
feature
• Unlock Bypass Program command supported
• Erase Suspend / Resume modes:
Read and program another Sector during
Erase Suspend Mode
• Support JEDEC Common Flash Interface
(CFI).
• Low Vcc write inhibit < 2.5V
• Minimum 100K program/erase endurance
cycles.
• RESET# hardware reset pin
- Hardware method to reset the device to read
mode.
• WP#/ACC input pin
- Write Protect (WP#) function allows
protection of outermost two boot sectors,
regardless of sector protect status
- Acceleration (ACC) function provides
accelerated program times
• Package Options
- 48-pin TSOP (Type 1)
- 48 ball 6mm x 8mm FBGA
• Commercial and Industrial Temperature
Range.
GENERAL DESCRIPTION
The EN29LV640T/B is a 64-Megabit, electrically erasable, read/write non-volatile flash memory,
organized as 8,388,608 bytes or 4,194,304 words. Any word can be programmed typically in 8µs. The
EN29LV640T/B features 3.0V voltage read and write operation, with access times as fast as 70ns to
eliminate the need for WAIT states in high-performance microprocessor systems.
The EN29LV640T/B has separate Output Enable (OE#), Chip Enable (CE#), and Write Enable (WE#)
controls, which eliminate bus contention issues. This device is designed to allow either single Sector
or full Chip erase operation, where each Sector can be individually protected against program/erase
operations or temporarily unprotected to erase or program. The device can sustain a minimum of 100K
program/erase cycles on each Sector.
.
EN29LV640T/B
64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
Boot Sector Flash Memory, CMOS 3.0 Volt-only


Similar Part No. - EN29LV640TT-90TCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90BIP EON-EN29LV640AB-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AB-90TIP EON-EN29LV640AB-90TIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640AT-90BIP EON-EN29LV640AT-90BIP Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV640TT-90TCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640 EON-EN29LV640 Datasheet
423Kb / 45P
   64 Megabit (4M x 16-bit ) CMOS 3.0 Volt-only, Uniform Sector Flash Memory
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com