Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV800BB-55RBC Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN29LV800BB-55RBC
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV800BB-55RBC Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN29LV800BB-55RBC Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29LV800BB-55RBC Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
11
EN29LV800B
Rev. G, Issue Date: 2006/05/16
COMMAND DEFINITIONS
The operations of EN29LV800B are selected by one or more commands written into the command
register to perform Read/Reset Memory, Read ID, Read Sector Protection, Program, Sector Erase,
Chip Erase, Erase Suspend and Erase Resume. Commands are made up of data sequences
written at specific addresses via the command register. The sequences for the specified operation
are defined in the Command Definitions table (Table 5). Incorrect addresses, incorrect data values
or improper sequences will reset the device to Read Mode.
Table 5. EN29LV800B Command Definitions
Bus Cycles
1
st
Cycle
2
nd
Cycle
3
rd
Cycle
4
th
Cycle
5
th
Cycle
6
th
Cycle
Command
Sequence
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
RA
RD
Reset
1
xxx
F0
Word
555
2AA
555
000/
100
7F/
1C
Manufacturer
ID
Byte
4
AAA
AA
555
55
AAA
90
000/
200
7F/
1C
Word
555
2AA
555
X01
22DA
Device ID
Top Boot
Byte
4
AAA
AA
555
55
AAA
90
X02
DA
Word
555
2AA
555
X01
225B
Device ID
Bottom Boot
Byte
4
AAA
AA
555
55
AAA
90
X02
5B
XX00
Word
555
2AA
555
(SA)
X02
XX01
00
Sector Protect
Verify
Byte
4
AAA
AA
555
55
AAA
90
(SA)
X04
01
Word
555
2AA
555
Program
Byte
4
AAA
AA
555
55
AAA
A0
PA
PD
Word
555
2AA
555
555
2AA
555
Chip Erase
Byte
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Word
555
2AA
555
555
2AA
Sector Erase
Byte
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Erase Suspend
1
xxx
B0
Erase Resume
1
xxx
30
Address and Data values indicated in hex
RA = Read Address: address of the memory location to be read. This is a read cycle.
RD = Read Data: data read from location RA during Read operation. This is a read cycle.
PA = Program Address: address of the memory location to be programmed. X = Don’t-Care
PD = Program Data: data to be programmed at location PA
SA = Sector Address: address of the Sector to be erased or verified. Address bits A18-A12 uniquely select any Sector.
Reading Array Data
The device is automatically set to reading array data after power up. No commands are required to
retrieve data. The device is also ready to read array data after completing an Embedded Program
or Embedded Erase algorithm.
Following an Erase Suspend command, Erase Suspend mode is entered. The system can read
array data using the standard read timings, with the only difference in that if it reads at an address
within erase suspended sectors, the device outputs status data. After completing a programming
operation in the Erase Suspend mode, the system may once again read array data with the same
exception.
The Reset command must be issued to re-enable the device for reading array data if DQ5 goes high,
or while in the autoselect mode. See next section for details on Reset.


Similar Part No. - EN29LV800BB-55RBC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800B70RS EON-EN29LV800B70RS Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSI EON-EN29LV800B70RSI Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSIP EON-EN29LV800B70RSIP Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RSP EON-EN29LV800B70RSP Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B70RT EON-EN29LV800B70RT Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29LV800BB-55RBC

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com