Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3904 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 2N3904
Description  NPN GENERAL PURPOSE SWITCHING TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N3904 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  2N3904 Datasheet HTML 1Page - Pan Jit International Inc. 2N3904 Datasheet HTML 2Page - Pan Jit International Inc. 2N3904 Datasheet HTML 3Page - Pan Jit International Inc. 2N3904 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-SEP.13.2005
2N3904
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
CV
)
R
B
(
O
E
CI
C
I
,
A
m
0
.
1
=
B
0
=0
4-
-
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
l
l
o
CV
)
R
B
(
O
B
CI
C
I
,
A
u
0
1
=
E
0
=0
6-
-
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
EV
)
R
B
(
O
B
EI
E
I
,
A
u
0
1
=
C
0
=0
.
6-
-
V
t
n
e
r
r
u
C
f
f
o
t
u
C
e
s
a
BI
V
E
B
V
E
C
V
,
V
0
3
=
B
E
V
0
.
3
=-
-
0
5A
n
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
l
l
o
CI
X
E
C
V
E
C
V
,
V
0
3
=
B
E
V
0
.
3
=-
-
0
5A
n
n
i
a
G
t
n
e
r
r
u
C
C
Dh
E
F
I
C
V
,
A
m
1
.
0
=
E
C
V
0
.
1
=
I
C
V
,
A
m
0
.
1
=
E
C
V
0
.
1
=
I
C
V
,
A
m
0
1
=
E
C
V
0
.
1
=
I
C
V
,
A
m
0
5
=
E
C
V
0
.
1
=
I
C
V
,
A
m
0
0
1
=
E
C
V
0
.
1
=
0
4
0
7
0
0
1
0
6
0
3
-
-
-
-
-
-
-
0
0
3
-
-
-
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
r
o
t
c
e
l
l
o
CV
)
T
A
S
(
E
C
I
C
I
,
A
m
0
1
=
B
A
m
0
.
1
=
I
C
I
,
A
m
0
5
=
B
A
m
0
.
5
=
-
-
-
-
2
.
0
3
.
0
V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
e
s
a
BV
)
T
A
S
(
E
B
I
C
I
,
A
m
0
1
=
B
A
m
0
.
1
=
I
C
I
,
A
m
0
5
=
B
A
m
0
.
5
=
5
6
.
0
-
-
-
5
8
.
0
5
9
.
0
V
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
-
t
n
e
r
r
u
Cf
T
I
C
V
,
A
m
0
1
=
E
C
V
0
2
=
H
M
0
0
1
=
f
Z
0
0
3-
-
H
M
Z
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
l
l
o
CC
O
B
C
V
B
C
I
,
V
0
.
5
=
E
H
M
1
=
f
,
0
=
Z
--
0
.
4
P F
e
c
n
a
t
i
c
a
p
a
C
e
s
a
B
-
r
e
t
t
i
m
EC
O
B
E
V
B
C
I
,
V
5
.
0
=
E
H
M
1
=
f
,
0
=
Z
--
8
P F
e
m
i
T
y
a
l
e
Dt
d
V
C
C
V
,
V
3
=
E
B
,
V
5
.
0
=
I
C
I
,
A
m
0
1
=
1
B
A
m
1
=
--
5
3s
n
e
m
i
T
e
s
i
Rt
r
--
5
3s
n
e
m
i
T
e
g
a
r
o
t
St
s
V
C
C
I
,
V
3
=
C
A
m
0
1
=
I
1
B
I
=
2
B
A
m
1
=
--
0
0
2s
n
e
m
i
T
l
l
a
Ft
f
--
0
5s
n
ELECTRICAL CHARACTERISTICS (T
J=25
OC, unless otherwise noted)
SWITCHING TIME EQUIVALENT TEST CIRCUITS
S tora ge a nd Fa ll T im e E q uiv a le nt T e s t C irc uit
C
S * < 4pF
275 Ω
10K Ω
1N 916
+3 V
0
-9 .1 V
10 to 5 00us
D uty C ycle ~ 2.0%
+ 10.9V
< 1ns
C
S * < 4pF
275 Ω
10K Ω
1N 916
+3 V
0
-9 .1 V
10 to 5 00us
D uty C ycle ~ 2.0%
+ 10.9V
< 1ns
27 5 Ω
10 K Ω
C
S * < 4 p F
0
-0 . 5 V
3 00ns
Du t y Cy c le ~ 2 . 0 %
+1 0 . 9 V
< 1 n s
+3 V
D e l a y a nd R i s e T i m e E quiv a le nt Te s t C i r c ui t


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Daya Electric Group Co....
2N3904 DAYA-2N3904 Datasheet
188Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2SC2222H PANJIT-2SC2222H Datasheet
371Kb / 5P
   NPN General Purpose Switching Transistor
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com